Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C68-SF45ITR Arkusz danych(PDF) 1 Page - Simtek Corporation

Numer części STK11C68-SF45ITR
Szczegółowy opis  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-SF45ITR Arkusz danych(HTML) 1 Page - Simtek Corporation

  STK11C68-SF45ITR Datasheet HTML 1Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 2Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 3Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 4Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 5Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 6Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 7Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 8Page - Simtek Corporation STK11C68-SF45ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
This product conforms to specifications per the
terms of Simtek standard warranty. The product
has completed Simtek internal qualification testing
and has reached production status.
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
FEATURES
• 25, 35, 45, and 55 ns Read Access & R/W Cycle
Times
• Unlimited Read/Write Endurance
• Pin compatible with Industry Standard SRAMs
• Software-initiated Non-Volatile STORE
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL cycles
• 1 Million STORE Cycles
• 100-Year Non-volatile Data Retention
• Single 5V + 10% Operation
• Commercial, Industrial, and Military Tempera-
tures
• 28 pin 330 mil SOIC (RoHS-Compatible)
• 28-pin CDIP and LCC packages
DESCRIPTION
The Simtek STK11C68 is a 64Kb fast static RAM
with a nonvolatile Quantum Trap storage element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use, and unlimited read & write endurance
of a normal SRAM.
Data transfers under software control to the non-vol-
atile storage cells (the STORE operation). On
power-up, data is automatically restored to the
SRAM (the RECALL operation). RECALL operations
are also available under software control.
The Simtek nvSRAM is the first monolithic non-
volatile memory to offer unlimited writes and reads.
It is the highest performance, most reliable non-
volatile memory available.
BLOCK DIAGRAM
8Kx8 SoftStore nvSRAM
BLOCK DIAGRAM
COLUMN DEC
G
E
W
COLUMN I/O
SOFTWARE
DETECT
A0 – A12
QUANTUM TRAP
128 x 512
STATIC RAM
ARRAY
128 X 512
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
STORE/
RECALL
CONTROL
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12


Podobny numer części - STK11C68-SF45ITR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK11C68-SF25 CYPRESS-STK11C68-SF25 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25I CYPRESS-STK11C68-SF25I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25ITR CYPRESS-STK11C68-SF25ITR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25TR CYPRESS-STK11C68-SF25TR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF35 CYPRESS-STK11C68-SF35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Podobny opis - STK11C68-SF45ITR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com