Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4997 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części TS4997
Szczegółowy opis  2 x 1W differential input stereo audio amplifier with programmable 3D effects
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 6Page - STMicroelectronics TS4997 Datasheet HTML 7Page - STMicroelectronics TS4997 Datasheet HTML 8Page - STMicroelectronics TS4997 Datasheet HTML 9Page - STMicroelectronics TS4997 Datasheet HTML 10Page - STMicroelectronics TS4997 Datasheet HTML 11Page - STMicroelectronics TS4997 Datasheet HTML 12Page - STMicroelectronics TS4997 Datasheet HTML 13Page - STMicroelectronics TS4997 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical characteristics
TS4997
10/34
Figure 8.
THD+N vs. output power
Figure 9.
THD+N vs. output power
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.7V
Vcc=3.3V
Vcc=5V
RL = 4
Ω
G = +6dB
F = 10kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.7V
Vcc=3.3V
Vcc=5V
RL = 4
Ω
G = +12dB
F = 10kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
Figure 10.
THD+N vs. output power
Figure 11.
THD+N vs. output power
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.7V
Vcc=3.3V
Vcc=5V
RL = 8
Ω
G = +6dB
F = 10kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.7V
Vcc=3.3V
Vcc=5V
RL = 8
Ω
G = +12dB
F = 10kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
Figure 12.
THD+N vs. output power
Figure 13.
THD+N vs. output power
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.7V
Vcc=3.3V
Vcc=5V
RL = 16
Ω
G = +6dB
F = 10kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.7V
Vcc=3.3V
Vcc=5V
RL = 16
Ω
G = +12dB
F = 10kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)


Podobny numer części - TS4997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EKIJT STMICROELECTRONICS-TS4990EKIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990ID STMICROELECTRONICS-TS4990ID Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
More results

Podobny opis - TS4997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
[Old version datasheet]   Digital Audio Processor With 3D Effects
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812_17 Datasheet
1Mb / 11P
   132mW Differential Input Stereo Audio Power Amplifier
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com