Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29240EH Arkusz danych(PDF) 6 Page - Advanced Micro Devices

Numer części AM29240EH
Szczegółowy opis  Enhanced High-Performance RISC Microcontrollers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29240EH Arkusz danych(HTML) 6 Page - Advanced Micro Devices

Back Button AM29240EH Datasheet HTML 2Page - Advanced Micro Devices AM29240EH Datasheet HTML 3Page - Advanced Micro Devices AM29240EH Datasheet HTML 4Page - Advanced Micro Devices AM29240EH Datasheet HTML 5Page - Advanced Micro Devices AM29240EH Datasheet HTML 6Page - Advanced Micro Devices AM29240EH Datasheet HTML 7Page - Advanced Micro Devices AM29240EH Datasheet HTML 8Page - Advanced Micro Devices AM29240EH Datasheet HTML 9Page - Advanced Micro Devices AM29240EH Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
P R E L I M I N A R Y
6
Am29240 EH Microcontroller Series
Table 1. Product Comparison—Am29200 Microcontroller Family
FEATURE
Am29205
Controller
Am29202
Controller
Am29200
Controller
Am29245EH
Controller
Am29240EH
Controller
Am29243EH
Controller
Instruction Cache
4 Kbytes
4 Kbytes
4 Kbytes
Data Cache
2 Kbytes
2 Kbytes
Cache Associativity
2-way
2-way
2-way
Integer Multiplier
Software
Software
Software
Software
32 x 32-bit
32 x 32-bit
Memory Management
Unit (MMU)
1 TLB
16 Entry
1 TLB
16 Entry
2 TLBs
32 Entry
Data Bus Width
Internal
External
32 bits
16 bits
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
ROM Interface
Banks
Width
ROM Size (Max/Bank)
Boot-Up ROM Width
Burst-Mode Access
3
8, 16 bits
4 Mbytes
16 bits
Not Supported
4
8, 16, 32 bits
4 Mbytes
8, 16, 32 bits
Not Supported
4
8, 16, 32 bits
16 Mbytes
8, 16, 32 bits
Supported
4
8, 16, 32 bits
16 Mbytes
8, 16, 32 bits
Supported
4
8, 16, 32 bits
16 Mbytes
8, 16, 32 bits
Supported
4
8, 16, 32 bits
16 Mbytes
8, 16, 32 bits
Supported
DRAM Interface
Banks
Width
Size: 32-Bit Mode
Size: 16-Bit Mode
Video DRAM
Access Cycles
Initial/Burst
DRAM Parity
4
16 bits only
8 Mbytes/bank
Not Supported
3/2
No
4
16, 32 bits
16 Mbytes/bank
8 Mbytes/bank
Not Supported
3/2
No
4
16, 32 bits
16 Mbytes/bank
8 Mbytes/bank
Supported
3/2
No
4
32 bits
16 Mbytes/bank
Not supported
Supported
2/1 or 3/1
No
4
32 bits
16 Mbytes/bank
Not supported
Supported
2/1 or 3/1
No
4
32 bits
16 Mbytes/bank
Not supported
Not Supported
2/1 or 3/1
Yes
On-Chip DMA
Width (ext. peripherals)
Total Number of Channels
Externally Controlled
External Master Access
External Master Burst
External Terminate Signal
8, 16 bits
2
1
No
No
No
8, 16, 32 bits
2
1
No
No
No
8, 16, 32 bits
2
2
Yes
No
Yes
8, 16, 32 bits
2
2
Yes
Yes
Yes
8, 16, 32 bits
4
4
Yes
Yes
Yes
8, 16, 32 bits
4
4
Yes
Yes
Yes
Low-Voltage Operation
No
No
No
Yes
Yes
Yes
Peripheral Interface
Adapter (PIA)
PIA Ports
Data Width
Min. Cycles Access
2
8, 16 bits
3
2
8, 16, 32 bits
3
6
8, 16, 32 bits
3
6
8, 16, 32 bits
1
6
8, 16, 32 bits
1
6
8, 16, 32 bits
1
Programmable I/O Port
(PIO)
Signals
Signals programmable
for interrupt generation
8
8
12
8
16
8
16
8
16
8
16
8
Serial Ports
Ports
DSR/DTR
1 Port
PIO signals
1 Port
PIO signals
1 Port
Supported
1 Port
Supported
2 Ports
1 Port Supported
2 Ports
1 Port Supported
Interrupt Controller
External Interrupt Pins
External Trap and Warn
Pins
2
0
2
0
4
3
4
3
4
3
4
3
Parallel Port Controller
32-Bit Transfer
IEEE-1284 Interface
Yes
No
No
Yes
Yes
Yes
Yes
Yes
No
Yes
Yes
No
Yes
Yes
No
Yes
Yes
No
JTAG Debug Support
No
Yes
Yes
Yes
Yes
Yes
Serializer/Deserializer
Yes
Yes
Yes
Yes
Yes
No
Pin Count and Package
100 PQFP
132 PQFP
168 PQFP
208 PQFP
208 PQFP
208 PQFP
Operating Voltage
VCC
I/O Tolerance
5 V
5 V
5 V
5 V
5 V
5 V
3.3 V
5 V
3.3 V
5 V
3.3 V
5 V
Processor Clock Rate
12, 16 MHz
12, 16, 20 MHz
16, 20 MHz
16 MHz
20, 25 MHz
20, 25 MHz


Podobny numer części - AM29240EH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
AM2922 AMD-AM2922 Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM2922DC AMD-AM2922DC Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
AM2922DCB AMD-AM2922DCB Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
AM2922DM AMD-AM2922DM Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
More results

Podobny opis - AM29240EH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
   28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F1220-I MICROCHIP-PIC18F1220-I Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
PIC18F45J10 MICROCHIP-PIC18F45J10 Datasheet
5Mb / 358P
   28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
2007
PIC18F010 MICROCHIP-PIC18F010 Datasheet
2Mb / 176P
   High Performance Microcontrollers
2001
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F258 MICROCHIP-PIC18F258 Datasheet
5Mb / 384P
   High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com