Zakładka z wyszukiwarką danych komponentów |
|
TC1303C-AM0EUN Arkusz danych(PDF) 1 Page - Microchip Technology |
|
TC1303C-AM0EUN Arkusz danych(HTML) 1 Page - Microchip Technology |
1 / 36 page © 2005 Microchip Technology Inc. DS21949B-page 1 TC1303A/TC1303B/ TC1303C/TC1304 Features • Dual-Output Regulator (500 mA Buck Regulator and 300 mA Low-Dropout Regulator) • Power-Good Output with 300 ms Delay • Total Device Quiescent Current = 65 µA, Typ. • Independent Shutdown for Buck and LDO Outputs (TC1303) • Both Outputs Internally Compensated • Synchronous Buck Regulator: - Over 90% Typical Efficiency - 2.0 MHz Fixed-Frequency PWM (Heavy Load) - Low Output Noise - Automatic PWM to PFM mode transition - Adjustable (0.8V to 4.5V) and Standard Fixed-Output Voltages (0.8V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V) • Low-Dropout Regulator: - Low-Dropout Voltage = 137 mV Typ. @ 200 mA - Standard Fixed-Output Voltages (1.5V, 1.8V, 2.5V, 3.3V) • Power-Good Function: - Monitors Buck Output Function (TC1303A) - Monitors LDO Output Function (TC1303B) - Monitors Both Buck and LDO Output Func- tions (TC1303C and TC1304) - 300 ms Delay Used for Processor Reset • Sequenced Startup and Shutdown (TC1304) • Small 10-pin 3X3 DFN or MSOP Package Options • Operating Junction Temperature Range: - -40°C to +125°C • Undervoltage Lockout (UVLO) • Output Short Circuit Protection • Overtemperature Protection Applications • Cellular Phones • Portable Computers • USB-Powered Devices • Handheld Medical Instruments • Organizers and PDAs Description The TC1303/TC1304 combines a 500 mA synchro- nous buck regulator and 300 mA Low-Dropout Regula- tor (LDO) with a power-good monitor to provide a highly integrated solution for devices that require multiple supply voltages. The unique combination of an integrated buck switching regulator and low-dropout linear regulator provides the lowest system cost for dual-output voltage applications that require one lower processor core voltage and one higher bias voltage. The 500 mA synchronous buck regulator switches at a fixed frequency of 2.0 MHz when the load is heavy, providing a low noise, small-size solution. When the load on the buck output is reduced to light levels, it changes operation to a Pulse Frequency Modulation (PFM) mode to minimize quiescent current draw from the battery. No intervention is necessary for smooth transition from one mode to another. The LDO provides a 300 mA auxiliary output that requires a single 1 µF ceramic output capacitor, minimizing board area and cost. The typical dropout voltage for the LDO output is 137 mV for a 200 mA load. For the TC1303/TC1304, the power-good output is based on the regulation of the buck regulator output, the LDO output or the combination of both. The TC1304 features start-up and shutdown output sequencing. The TC1303/TC1304 is available in either the 10-pin DFN or MSOP package. Additional protection features include: UVLO, overtemperature and overcurrent protection on both outputs. For a complete listing of TC1303/TC1304 standard parts, consult your Microchip representative. 500 mA Synchronous Buck Regulator, + 300 mA LDO with Power-Good Output |
Podobny numer części - TC1303C-AM0EUN |
|
Podobny opis - TC1303C-AM0EUN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |