Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1303A-AH1EUN Arkusz danych(PDF) 10 Page - Microchip Technology

Numer części TC1303A-AH1EUN
Szczegółowy opis  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303A-AH1EUN Arkusz danych(HTML) 10 Page - Microchip Technology

Back Button TC1303A-AH1EUN Datasheet HTML 6Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 7Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 8Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 9Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 10Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 11Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 12Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 13Page - Microchip Technology TC1303A-AH1EUN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TC1303A/TC1303B/TC1303C/TC1304
DS21949B-page 10
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable- or fixed-
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-1:
IQ Switcher and LDO
Current vs. Ambient Temperature (TC1303A,B).
FIGURE 2-2:
IQ Switcher and LDO
Current vs. Ambient Temperature
(TC1303C, TC1304).
FIGURE 2-3:
IQ Switcher Current vs.
Ambient Temperature.
FIGURE 2-4:
IQ LDO Current vs. Ambient
Temperature.
FIGURE 2-5:
VOUT1 Output Efficiency vs.
Input Voltage (VOUT1 = 1.2V).
FIGURE 2-6:
VOUT1 Output Efficiency vs.
IOUT1 (VOUT1 = 1.2V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
60
64
68
72
76
80
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
IOUT1 = IOUT2 = 0 mA
SHDN1 = VIN2
SHDN2 = VIN2
66
68
70
72
74
76
78
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 5.5V
SHDN1 = VIN2
SHDN2 = VIN2
VIN = 4.2V
VIN = 3.6V
30
35
40
45
50
55
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
IOUT1 = 0 mA
SHDN1 = VIN2
SHDN2 = AGND
30
35
40
45
50
55
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
IOUT2 = 0 mA
SHDN1 = AGND
SHDN2 = VIN2
50
55
60
65
70
75
80
85
90
95
100
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
IOUT1 = 100 mA
IOUT1 = 250 mA
IOUT1 = 500 mA
SHDN1 = VIN2
SHDN2 = AGND
70
75
80
85
90
95
100
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
VIN1 = 3.0V
VIN1 = 4.2V
VIN1 = 3.6V
SHDN1 = VIN2
SHDN2 = AGND


Podobny numer części - TC1303A-AH1EUN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1303A-AH1EUN MICROCHIP-TC1303A-AH1EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A-AH1EUNTR MICROCHIP-TC1303A-AH1EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

Podobny opis - TC1303A-AH1EUN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com