Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16373ZQLR Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ALVCH16373ZQLR
Szczegółowy opis  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16373ZQLR Arkusz danych(HTML) 1 Page - Texas Instruments

  74ALVCH16373ZQLR Datasheet HTML 1Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 2Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 3Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 4Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 5Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 6Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 7Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 8Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
XXXX
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
GND
1Q7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
VCC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1LE
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
GND
1D7
1D8
2D1
2D2
GND
2D3
2D4
VCC
2D5
2D6
GND
2D7
2D8
2LE
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
SN74ALVCH16373
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES020I – JULY 1995 – REVISED NOVEMBER 2005
Member of the Texas Instruments Widebus™
Family
Operates From 1.65 V to 3.6 V
Max tpd of 3.6 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
DESCRIPTION/ORDERING INFORMATION
This 16-bit transparent D-type latch is designed for
1.65-V to 3.6-V V
CC operation.
The SN74ALVCH16373 is particularly suitable for
implementing buffer registers, I/O ports, bidirectional
bus drivers, and working registers. This device can
be used as two 8-bit latches or one 16-bit latch.
When the latch-enable (LE) input is high, the Q
outputs follow the data (D) inputs. When LE is taken
low, the Q outputs are latched at the levels set up at
the D inputs.
A buffered output-enable (OE) input can be used to
place the eight outputs in either a normal logic state
(high or low logic levels) or the high-impedance state.
In the high-impedance state, the outputs neither
load
nor
drive
the
buslines
significantly.
The
high-impedance state and the increased drive provide
the capability to drive bus lines without need for
interface or pullup components. OE does not affect
internal operations of the latch. Old data can be
retained or new data can be entered while the
outputs are in the high-impedance state.
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - 74ALVCH16373ZQLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
More results

Podobny opis - 74ALVCH16373ZQLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com