Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RJK1525DPS Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części RJK1525DPS
Szczegółowy opis  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1525DPS Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  RJK1525DPS Datasheet HTML 1Page - Renesas Technology Corp RJK1525DPS Datasheet HTML 2Page - Renesas Technology Corp RJK1525DPS Datasheet HTML 3Page - Renesas Technology Corp RJK1525DPS Datasheet HTML 4Page - Renesas Technology Corp RJK1525DPS Datasheet HTML 5Page - Renesas Technology Corp RJK1525DPS Datasheet HTML 6Page - Renesas Technology Corp RJK1525DPS Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK1525DPS
Rev.2.00 Feb 08, 2007 page 5 of 6
0
0.4
0.8
1.2
1.6
2.0
50
20
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
5
4
3
2
1
-25
0
50
100
150
25
125
75
0
Case Temperature Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature
Vin Monitor
D.U.T.
Vin
10 V
RL
V
= 75 V
DD
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
90%
10%
tf
Switching Time Test Circuit
Waveform
10
30
40
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
VGS = 0 V
10 V
Pulse Test
5 V
VDS = 10 V
ID = 10 mA
1 mA
0.1 mA
3
1
0.3
0.1
0.01
0.001
0.03
0.003
10
µ
100
µ
1 m
10 m
100 m
1
10
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 4.17°C/W, Tc = 25°C
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse


Podobny numer części - RJK1525DPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RJK1525DPS RENESAS-RJK1525DPS Datasheet
92Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK1525DPS-00-T2 RENESAS-RJK1525DPS-00-T2 Datasheet
92Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK1525DPS RENESAS-RJK1525DPS_10 Datasheet
92Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Podobny opis - RJK1525DPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com