Zakładka z wyszukiwarką danych komponentów |
|
TC1303B-BL2EUN Arkusz danych(PDF) 10 Page - Microchip Technology |
|
TC1303B-BL2EUN Arkusz danych(HTML) 10 Page - Microchip Technology |
10 / 30 page TC1303B DS21949A-page 10 2005 Microchip Technology Inc. Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN =4.7 µF, COUT2 =1 µF, L =4.7 µH, VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed output voltage options can be used to generate the Typical Performance Characteristics. FIGURE 2-13: VOUT1 Switching Frequency vs. Input Voltage. FIGURE 2-14: VOUT1 Switching Frequency vs. Ambient Temperature. FIGURE 2-15: VOUT1 Adjustable Feedback Voltage vs. Ambient Temperature. FIGURE 2-16: VOUT1 Switch Resistance vs. Input Voltage. FIGURE 2-17: Buck Regulator Switch Resistance vs. Ambient Temperature. FIGURE 2-18: VOUT1 Dropout Voltage vs. Ambient Temperature. 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 Input Voltage (V) SHDN1 = VIN2 SHDN2 = AGND 1.90 1.92 1.94 1.96 1.98 2.00 Ambient Temperature (°C) SHDN1 = VIN2 SHDN2 = AGND 0.790 0.795 0.800 0.805 0.810 0.815 0.820 Ambient Temperature (°C) SHDN1 = VIN2 SHDN2 = AGND VIN1 = 3.6V 0.3 0.35 0.4 0.45 0.5 0.55 0.6 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 Input Voltage (V) SHDN1 = VIN2 SHDN2 = AGND TA = 25 °C N-Channel P-Channel 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 -40 -25 -10 5 20 35 50 65 80 95 110 125 Ambient Temperature (°C) SHDN1 = VIN2 SHDN2 = AGND VIN1 = 3.6V N-Channel P-Channel 0.1 0.15 0.2 0.25 0.3 0.35 0.4 Ambient Temperature (°C) SHDN1 = VIN2 SHDN2 = AGND VOUT1 = 3.3V IOUT1 = 500 mA |
Podobny numer części - TC1303B-BL2EUN |
|
Podobny opis - TC1303B-BL2EUN |