Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA6840 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TEA6840
Szczegółowy opis  New In Car Entertainment NICE car radio
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6840 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TEA6840 Datasheet HTML 7Page - NXP Semiconductors TEA6840 Datasheet HTML 8Page - NXP Semiconductors TEA6840 Datasheet HTML 9Page - NXP Semiconductors TEA6840 Datasheet HTML 10Page - NXP Semiconductors TEA6840 Datasheet HTML 11Page - NXP Semiconductors TEA6840 Datasheet HTML 12Page - NXP Semiconductors TEA6840 Datasheet HTML 13Page - NXP Semiconductors TEA6840 Datasheet HTML 14Page - NXP Semiconductors TEA6840 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1999 Jul 12
11
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
DC CHARACTERISTICS
VDDA1 = 8.5 V; VDDA2 =5V; VDDD =5V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA1
analog supply voltage at pins 1, 9, 16, 34,
35, 36, 38, 42, 52 and 53
8
8.5
9
V
VDDA2
analog supply voltage at pin 2
4.75
5
5.25
V
VDDD
digital supply voltage at pin 14
4.75
5
5.25
V
IDDA
analog supply current internal power
supply
FM mode
6.5
8.1
9.8
mA
AM mode
4.7
5.9
7.1
mA
IDDD
digital supply current
FM mode
18
23
28
mA
AM mode
18
23
28
mA
FM mode
I35
bias current FM mixer output 1
4.8
6
7.2
mA
I36
bias current FM mixer output 2
4.8
6
7.2
mA
I38
supply current FM IF amplifier 1 and 2
12
14
16
mA
IDDA1
analog supply current internal power
supply
15
mA
IDDA4
analog supply current tuning PLL
test mode; data
byte 5 bit 3 = 1
2.9
mA
IDDA3
analog supply current VCO
6.5
mA
IDDA5
analog supply current RF
5
mA
AM mode
I35
bias current AM mixer 1 output 1
4.8
6
7.2
mA
I36
bias current AM mixer 1 output 2
4.8
6
7.2
mA
I52
bias current AM mixer 2 output 1
3.6
4.5
5.4
mA
I53
bias current AM mixer 2 output 2
3.6
4.5
5.4
mA
IDDA1
analog supply current internal power
supply
17.5
mA
IDDA4
analog supply current tuning PLL
test mode; data
byte 5 bit 3 = 1
1.6
mA
IDDA3
analog supply current VCO
6.5
mA
IDDA5
analog supply current RF
1.8
mA
Power supply
REFERENCE CURRENT GENERATOR; PIN 54
Vo(ref)
output reference voltage
4
4.25
4.5
V
RO
output resistance
8
11
13
k
Io(source)(max)
maximum output source current
−100
+100
nA


Podobny numer części - TEA6840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6845 PHILIPS-TEA6845 Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
More results

Podobny opis - TEA6840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com