Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1818T-331 Arkusz danych(PDF) 3 Page - ECM Electronics Limited.

Numer części UC1818T-331
Szczegółowy opis  Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ECM [ECM Electronics Limited.]
Strona internetowa  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

UC1818T-331 Arkusz danych(HTML) 3 Page - ECM Electronics Limited.

  UC1818T-331 Datasheet HTML 1Page - ECM Electronics Limited. UC1818T-331 Datasheet HTML 2Page - ECM Electronics Limited. UC1818T-331 Datasheet HTML 3Page - ECM Electronics Limited. UC1818T-331 Datasheet HTML 4Page - ECM Electronics Limited. UC1818T-331 Datasheet HTML 5Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 3
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(** MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
UC1818 Series
UC1818T-1R0
1.0 @25.2 MHz
M
60
110
0.04
2000
UC1818T-1R2
1.2 @7.96 MHz
M
80
90
0.04
2000
UC1818T-1R5
1.5 @7.96 MHz
M
80
70
0.04
2000
UC1818T-1R8
1.8 @7.96 MHz
M
80
60
0.04
2000
UC1818T-2R2
2.2 @7.96 MHz
M
80
50
0.04
2000
UC1818T-2R7
2.7 @7.96 MHz
M
80
40
0.05
1920
UC1818T-3R3
3.3 @7.96 MHz
M
80
35
0.06
1740
UC1818T-3R9
3.9 @7.96 MHz
M
80
32
0.07
1600
UC1818T-4R7
4.7 @7.96 MHz
M
80
30
0.08
1450
UC1818T-5R6
5.6 @7.96 MHz
M
80
28
0.10
1320
UC1818T-6R8
6.8 @7.96 MHz
M
80
26
0.12
1200
UC1818T-8R2
8.2 @7.96 MHz
M
80
24
0.14
1100
UC1818T-100
10 @7.96 MHz
K
70
22
0.17
1000
UC1818T-120
12 @2.52 MHz
K
60
18
0.20
900
UC1818T-150
15 @2.52 MHz
K
50
16
0.25
810
UC1818T-180
18 @2.52 MHz
K
50
14
0.30
740
UC1818T-220
22 @2.52 MHz
K
50
13
0.36
670
UC1818T-270
27 @2.52 MHz
K
50
12
0.43
610
UC1818T-330
33 @2.52 MHz
K
50
10
0.52
550
UC1818T-390
39 @2.52 MHz
K
50
10
0.62
500
UC1818T-470
47 @2.52 MHz
K
50
8.8
0.82
450
UC1818T-560
56 @2.52 MHz
K
50
7.5
1.00
410
UC1818T-680
68 @2.52 MHz
K
50
7.0
1.20
370
UC1818T-820
82 @2.52 MHz
K
50
6.5
1.40
340
UC1818T-101
100 @2.52 MHz
K
50
6.0
1.70
310
UC1818T-121
120 @0.796 MHz
K
70
5.5
1.70
310
UC1818T-151
150 @0.796 MHz
K
70
5.0
2.00
290
UC1818T-181
180 @0.796 MHz
K
70
4.5
2.20
270
UC1818T-221
220 @0.796 MHz
K
70
4.0
2.50
250
UC1818T-271
270 @0.796 MHz
K
70
3.7
3.00
230
UC1818T-331
330 @0.796 MHz
K
60
3.4
3.60
210
UC1818T-391
390 @0.796 MHz
K
60
3.0
4.30
190
UC1818T-471
470 @0.796 MHz
K
60
2.7
5.20
170
UC1818T-561
560 @0.796 MHz
K
60
2.5
6.20
155
UC1818T-681
680 @0.796 MHz
K
60
2.4
6.80
140
UC1818T-821
820 @0.796 MHz
K
60
2.2
8.20
130
UC1818T-102
1000 @0.796 MHz
K
60
2.0
11.00
115
UC1818T-122
1200 @0.252 MHz
K
80
1.7
12.00
105
UC1818T-152
1500 @0.252 MHz
K
80
1.6
14.00
95
UC1818T-182
1800 @0.252 MHz
K
80
1.5
17.00
85
UC1818T-222
2200 @0.252 MHz
K
80
1.3
22.00
75
UC1818T-272
2700 @0.252 MHz
K
80
1.2
24.00
70
UC1818T-332
3300 @0.252 MHz
K
80
1.1
27.00
65
** = Test Frequency as specified in ‘L’ column


Podobny numer części - UC1818T-331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
More results

Podobny opis - UC1818T-331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com