Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M63812P Arkusz danych(PDF) 3 Page - Mitsubishi Electric Semiconductor

Numer części M63812P
Szczegółowy opis  7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63812P Arkusz danych(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M63812P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63812P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63812P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63812P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63812P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Jan. 2000
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63812P/FP/GP/KP
7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
400
300
200
100
0
0
100
20
40
60
80
1~3
4
5
6
7
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 25
°C
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
Input Characteristics
Input voltage VI (V)
Duty-Cycle-Collector Characteristics
(M63812P)
Duty cycle (%)
Duty-Cycle-Collector Characteristics
(M63812P)
Duty cycle (%)
Duty-Cycle-Collector Characteristics
(M63812FP)
Duty cycle (%)
Duty-Cycle-Collector Characteristics
(M63812FP)
Duty cycle (%)
2.0
1.5
1.0
0.5
0
0
25
50
75
100
M63812P
M63812FP
M63812GP
M63812KP
0.744
0.520
0.418
0.406
85
4
3
2
1
0
030
25
20
15
10
5
Ta=25
Ta = –40
°C
Ta = 25
°C
Ta=85
°C
0
100
20
40
60
80
400
300
200
100
0
5
6
7
1~4
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 25
°C
400
300
200
100
0
0
100
20
40
60
80
1~2
3
4
5
6
7
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 85
°C
400
300
200
100
0
0
100
20
40
60
80
1
2
3
4
5
6
7
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 85
°C


Podobny numer części - M63812P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
M63813FP MITSUBISHI-M63813FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813GP MITSUBISHI-M63813GP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813KP MITSUBISHI-M63813KP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814FP MITSUBISHI-M63814FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Podobny opis - M63812P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com