Zakładka z wyszukiwarką danych komponentów |
|
Z0103NA Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
Z0103NA Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 12 page Philips Semiconductors Z0103/07/09 series Triacs Product data Rev. 02 — 12 September 2002 5 of 12 9397 750 10102 © Koninklijke Philips Electronics N.V. 2002. All rights reserved. 6. Characteristics Table 5: Characteristics Tj =25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Static characteristics IGT gate trigger current VD =12V; RL =30 Ω; T2+ G+; T2+ G−; T2− G−; Figure 9 Z0103MA/MN/NA/NN - - 3 mA Z0107MA/MN/NA/NN - - 5 mA Z0109MA/MN/NA/NN - - 10 mA Z0103MA/MN/NA/NN VD = 12 V; RL =30 Ω; T2− G+; Figure 9 --5 mA Z0107MA/MN/NA/NN - - 7 mA Z0109MA/MN/NA/NN - - 10 mA IL latching current VD =12V; RL =30 Ω; T2+ G+; T2− G−; T2− G+; Figure 7 Z0103MA/MN/NA/NN - - 7 mA Z0107MA/MN/NA/NN - - 10 mA Z0109MA/MN/NA/NN - - 15 mA Z0103MA/MN/NA/NN VD =12V; RL =30 Ω; T2+ G−; Figure 7 --15 mA Z0107MA/MN/NA/NN - - 20 mA Z0109MA/MN/NA/NN - - 25 mA IH holding current IT =50mA; Figure 8 Z0103MA/MN/NA/NN - - 7 mA Z0107MA/MN/NA/NN - - 10 mA Z0109MA/MN/NA/NN - - 10 mA VT on-state voltage Figure 6 - 1.3 1.6 V VGT gate trigger voltage VD =12V; RL =30 Ω; Tj =25 °C; Figure 11 - - 1.3 V VD =VDRM; RL = 3.3 kΩ; Tj = 125 °C; Figure 11 0.2 - - V ID off-state leakage current VD =VDRM(max); VR =VRRM(max); Tj = 125 °C - - 500 µA Dynamic characteristics dVD/dt critical rate of rise of off-state voltage VD = 0.67 VDRM(max); Tj = 110 °C; exponential waveform; gate open; Figure 10 Z0103MA/MN/NA/NN 10 - - V/ µs Z0107MA/MN/NA/NN 20 - - V/ µs Z0109MA/MN/NA/NN 50 - - V/ µs dVcom/dt critical rate of change of commutating voltage VD = 400 V; IT = 1 A; Tj = 110 °C; dIcom/dt = 0.44 A/ms; gate open Z0103MA/MN/NA/NN 0.5 - - V/ µs Z0107MA/MN/NA/NN 1 - - V/ µs Z0109MA/MN/NA/NN 2 - - V/ µs |
Podobny numer części - Z0103NA |
|
Podobny opis - Z0103NA |