Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MA Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części Z0107MA
Szczegółowy opis  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0107MA Arkusz danych(HTML) 5 Page - NXP Semiconductors

  Z0107MA Datasheet HTML 1Page - NXP Semiconductors Z0107MA Datasheet HTML 2Page - NXP Semiconductors Z0107MA Datasheet HTML 3Page - NXP Semiconductors Z0107MA Datasheet HTML 4Page - NXP Semiconductors Z0107MA Datasheet HTML 5Page - NXP Semiconductors Z0107MA Datasheet HTML 6Page - NXP Semiconductors Z0107MA Datasheet HTML 7Page - NXP Semiconductors Z0107MA Datasheet HTML 8Page - NXP Semiconductors Z0107MA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
5 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; RL =30 Ω; T2+ G+; T2+ G−; T2− G−;
Figure 9
Z0103MA/MN/NA/NN
-
-
3
mA
Z0107MA/MN/NA/NN
-
-
5
mA
Z0109MA/MN/NA/NN
-
-
10
mA
Z0103MA/MN/NA/NN
VD = 12 V; RL =30 Ω; T2− G+; Figure 9
--5
mA
Z0107MA/MN/NA/NN
-
-
7
mA
Z0109MA/MN/NA/NN
-
-
10
mA
IL
latching current
VD =12V; RL =30 Ω; T2+ G+; T2− G−; T2− G+;
Figure 7
Z0103MA/MN/NA/NN
-
-
7
mA
Z0107MA/MN/NA/NN
-
-
10
mA
Z0109MA/MN/NA/NN
-
-
15
mA
Z0103MA/MN/NA/NN
VD =12V; RL =30 Ω; T2+ G−; Figure 7
--15
mA
Z0107MA/MN/NA/NN
-
-
20
mA
Z0109MA/MN/NA/NN
-
-
25
mA
IH
holding current
IT =50mA; Figure 8
Z0103MA/MN/NA/NN
-
-
7
mA
Z0107MA/MN/NA/NN
-
-
10
mA
Z0109MA/MN/NA/NN
-
-
10
mA
VT
on-state voltage
Figure 6
-
1.3
1.6
V
VGT
gate trigger voltage
VD =12V; RL =30 Ω; Tj =25 °C; Figure 11
-
-
1.3
V
VD =VDRM; RL = 3.3 kΩ; Tj = 125 °C; Figure 11
0.2
-
-
V
ID
off-state leakage current
VD =VDRM(max); VR =VRRM(max); Tj = 125 °C
-
-
500
µA
Dynamic characteristics
dVD/dt
critical rate of rise of
off-state voltage
VD = 0.67 VDRM(max); Tj = 110 °C; exponential
waveform; gate open; Figure 10
Z0103MA/MN/NA/NN
10
-
-
V/
µs
Z0107MA/MN/NA/NN
20
-
-
V/
µs
Z0109MA/MN/NA/NN
50
-
-
V/
µs
dVcom/dt
critical rate of change of
commutating voltage
VD = 400 V; IT = 1 A; Tj = 110 °C;
dIcom/dt = 0.44 A/ms; gate open
Z0103MA/MN/NA/NN
0.5
-
-
V/
µs
Z0107MA/MN/NA/NN
1
-
-
V/
µs
Z0109MA/MN/NA/NN
2
-
-
V/
µs


Podobny numer części - Z0107MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0107MA ONSEMI-Z0107MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
logo
Tiger Electronic Co.,Lt...
Z0107MA TGS-Z0107MA Datasheet
153Kb / 1P
   1A TRIACS
More results

Podobny opis - Z0107MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com