Zakładka z wyszukiwarką danych komponentów |
|
Z0109NA Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
Z0109NA Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 12 page Z0103/07/09 series Triacs Rev. 02 — 12 September 2002 Product data 1. Product profile 1.1 Description Passivated triacs in conventional and surface mounting packages. Intended for use in applications requiring high bidirectional transient and blocking voltage capability. Available in a range of gate current sensitivities for optimum performance. Product availability: Z0103MA; Z0103NA; Z0107MA; Z0107NA; Z0109MA; Z0109NA in SOT54B Z0103MN; Z0103NN; Z0107MN; Z0107NN; Z0109MN; Z0109NN in SOT223. 1.2 Features 1.3 Applications 2. Pinning information s Blocking voltage to 800 V (NA and NN types) s 1 A on-state RMS current. s Home appliances s Small motor control s Fan controllers s Small loads in industrial process control. Table 1: Pinning - SOT54B (TO-92), SOT223, simplified outline and symbol Pin Description Simplified outline Symbol 1 terminal 2 (T2) SOT54B (TO-92) SOT54B (TO-92) SOT223 2 gate (G) 3 terminal 1 (T1) 1 terminal 1 (T1) SOT223 2 terminal 2 (T2) 3 gate (G) 4 terminal 2 (T2) 1 3 2 MSB033 4 123 MSB002 - 1 Top view MBL300 T2 T1 G |
Podobny numer części - Z0109NA |
|
Podobny opis - Z0109NA |