Zakładka z wyszukiwarką danych komponentów |
|
Z0109NA Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
Z0109NA Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 12 page Philips Semiconductors Z0103/07/09 series Triacs Product data Rev. 02 — 12 September 2002 3 of 12 9397 750 10102 © Koninklijke Philips Electronics N.V. 2002. All rights reserved. α = conduction angle n = number of cycles at f = 50 Hz Fig 1. Maximum on-state power dissipation as a function of RMS on-state current; typical values. Fig 2. Maximum permissible non-repetitive peak on-state current as a function of number of cycles for sinusoidal currents; typical values. Fig 3. Maximum permissible non-repetitive peak on-state current as a function of surge duration for sinusoidal currents; typical values. Fig 4. Maximum permissible RMS on-state current as a function of lead temperature and solder point temperature; typical values. 0 0.4 1.6 0.8 1.2 1.2 0 0.4 0.8 α = 180 ° 120 ° 90 ° 60 ° 30 ° Ptot (W) IT(RMS) (A) α α 003aaa199 10 8 6 4 2 0 1 10 102 103 n ITSM (A) 003aaa200 102 10 1 10-1 ITSM (A) δIT/δt limit 10-2 10-3 10-4 10-5 ts (s) 003aaa207 SOT223 (Tsp) SOT54B (Tlead) 150 50 100 0 Tlead, Tsp (°C) IT(RMS) (A) 0 1.2 0.8 0.4 003aaa201 |
Podobny numer części - Z0109NA |
|
Podobny opis - Z0109NA |