Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MN Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części Z0103MN
Szczegółowy opis  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103MN Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button Z0103MN Datasheet HTML 2Page - NXP Semiconductors Z0103MN Datasheet HTML 3Page - NXP Semiconductors Z0103MN Datasheet HTML 4Page - NXP Semiconductors Z0103MN Datasheet HTML 5Page - NXP Semiconductors Z0103MN Datasheet HTML 6Page - NXP Semiconductors Z0103MN Datasheet HTML 7Page - NXP Semiconductors Z0103MN Datasheet HTML 8Page - NXP Semiconductors Z0103MN Datasheet HTML 9Page - NXP Semiconductors Z0103MN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
6 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Fig 6.
On-state current as a function of on-state
voltage; typical and maximum values.
Fig 7.
Normalized latching current as a function of
junction temperature; typical values.
Fig 8.
Normalized holding current as a function of
junction temperature; typical values.
Fig 9.
Normalized gate trigger current as a function of
junction temperature; typical values.
25
°C
max
8
6
4
2
0
IT
(A)
01
2
3
VT (V)
003aaa202
125
°C
max
125
°C
typ
2
0
1
3
-50
0
50
100
150
a
Tj (°C)
003aaa203
a
I
L
I
L25 C
°
()
-------------------
=
3
2
1
0
-50
0
50
100
150
a
Tj (°C)
003aaa204
4
3
2
1
0
a
0
50
100
150
-50
Tj (°C)
T2+ G+
T2+ G-
T2- G+
T2- G-
003aaa205
a
I
H
I
H25 C
°
()
--------------------
=
a
I
GT
I
GT 25 C
°
()
-----------------------
=


Podobny numer części - Z0103MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
74Kb / 8P
   1A TRIACS
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0103MN ONSEMI-Z0103MN Datasheet
182Kb / 8P
   Sensitive Gate Triac Series Silicon Bidirectional Thyristors
June, 2009 ??Rev. 3
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
More results

Podobny opis - Z0103MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com