Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109NN Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części Z0109NN
Szczegółowy opis  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0109NN Arkusz danych(HTML) 4 Page - NXP Semiconductors

  Z0109NN Datasheet HTML 1Page - NXP Semiconductors Z0109NN Datasheet HTML 2Page - NXP Semiconductors Z0109NN Datasheet HTML 3Page - NXP Semiconductors Z0109NN Datasheet HTML 4Page - NXP Semiconductors Z0109NN Datasheet HTML 5Page - NXP Semiconductors Z0109NN Datasheet HTML 6Page - NXP Semiconductors Z0109NN Datasheet HTML 7Page - NXP Semiconductors Z0109NN Datasheet HTML 8Page - NXP Semiconductors Z0109NN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
4 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Thermal characteristics
5.1 Transient thermal impedance
Table 4:
Thermal characteristics
Symbol
Parameter
Conditions
Min Typ Max Unit
Rth(j-sp)
thermal resistance from junction to solder
point for SOT223
Figure 5
--25
K/W
Rth(j-lead)
thermal resistance from junction to lead for
SOT54B (TO-92)
Figure 5
--60
K/W
Rth(j-a)
thermal resistance from junction to ambient
SOT223
minimum footprint; mounted on a PCB
-
60
-
K/W
SOT54B (TO-92)
vertical in free air
-
150 -
K/W
for SOT54B (TO-92)
for SOT223
Fig 5.
Transient thermal impedance from junction to lead and junction to solder point as a function of pulse
duration.
a
110
102
103
10-1
10-2
10-3
10-4
10-5
tp (s)
10
1
10-1
10-2
10-3
10-4
SOT223
SOT54B
003aaa206
a
Z
th j
lead
()
R
th j
lead
()
---------------------------
=
a
Z
th j
sp
()
R
th j
sp
()
-----------------------
=


Podobny numer części - Z0109NN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0109NN STMICROELECTRONICS-Z0109NN Datasheet
74Kb / 8P
   1A TRIACS
Z0109NN STMICROELECTRONICS-Z0109NN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-18 March 2011
logo
WeEn Semiconductors
Z0109NN WEEN-Z0109NN Datasheet
328Kb / 14P
   4Q Triac
More results

Podobny opis - Z0109NN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com