Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE3510M04-T2-A Arkusz danych(PDF) 2 Page - California Eastern Labs

Numer części NE3510M04-T2-A
Szczegółowy opis  HETERO JUNCTION FIELD EFFECT TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE3510M04-T2-A Arkusz danych(HTML) 2 Page - California Eastern Labs

  NE3510M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 8Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet PG10676EJ01V0DS
2
NE3510M04
RECOMMENDED OPERATING CONDITIONS (TA = +25 C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
23
V
I
t
n
e
r
r
u
C
n
i
a
r
D
D
15
30
mA
P
r
e
w
o
P
t
u
p
n
I
in
0
dBm
ELECTRICAL CHARACTERISTICS (TA = +25 C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Gate to Source Leak Current
IGSO
VGS = 3V
0.5
10
A
Saturated Drain Current
IDSS
VDS =2V, VGS
A
m
7
9
0
7
2
4
V
0
=
Gate to Source Cutoff Voltage
VGS (off)
VDS =2V, ID =100 A
0.35
0.7
1.10
V
g
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
m
VDS =2V, ID =15mA
70
mS
V
F
N
e
r
u
g
i
F
e
s
i
o
N
DS
=2V, ID = 15 mA, f = 4 GHz
0.45
0.65
dB
G
n
i
a
G
d
e
t
a
i
c
o
s
s
A
a
6
1
5
.
4
1
dB
Gain 1 dB Compression
PO(1dB)
VDS =2V, ID = 15 mA (Non-RF),
+11
dBm
z
H
G
4
=
f
r
e
w
o
P
t
u
p
t
u
O


Podobny numer części - NE3510M04-T2-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
NE3510M04-T2 RENESAS-NE3510M04-T2 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3510M04-T2B RENESAS-NE3510M04-T2B Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Podobny opis - NE3510M04-T2-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com