Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2360M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA2360M
Szczegółowy opis  Monolithic Linear IC CAN Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2360M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA2360M Datasheet HTML 1Page - Sanyo Semicon Device LA2360M Datasheet HTML 2Page - Sanyo Semicon Device LA2360M Datasheet HTML 3Page - Sanyo Semicon Device LA2360M Datasheet HTML 4Page - Sanyo Semicon Device LA2360M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA2360M
No.A0191-3/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC reference block
V8 = 1V; -50µA < I5 < 50µA
0.45VCC
0.55VCC
V
Output reference voltage
Vref
V8 = 4V; -5µA < I5 < 5µA
0.4VCC
0.6VCC
V
AC transmitter block
V8 = 1V, V1 = 1MHz
0.45
0.55
µs
Pins 6 and 7 differential output
pulse width
twidth (diff)
V8 = 1V, V1 = 100kHz
4.5
5.5
µs
V8 = 1V, V1 = 1MHz
40
65
ns
Rise delay time
tonTXD
V8 = 1V, V1 = 100kHz
40
65
ns
V8 = 1V, V1 = 1MHz
40
65
ns
Fall delay time
toffTXD
V8 = 1V, V1 = 100kHz
40
65
ns
AC receiver block (overall) (See note 1.)
V8 = 1V, V1 = 1MHz
110
160
ns
V8 = 1V, V1 = 100kHz
110
160
ns
R8 = 47kΩ, V1 = 100kHz
360
500
ns
Rise delay time
tonRXD
R8 = 24kΩ, V1 = 100kHz
320
500
ns
V8 = 1V, V1 = 1MHz
90
160
ns
V8 = 1V, V1 = 100kHz
90
160
ns
R8 = 47kΩ, V1 = 100kHz
600
800
ns
Fall delay time
toffRXD
R8 = 24kΩ, V1 = 100kHz
500
800
ns
Pin 8 wakeup time from standby
mode
twake
V8 = 4V → 1V, V8 = 100kHz
20
µs
Receiver output response time to
a bus level change
tdRXDL
V1 = 4.0V, V8 = 4.0V
[BUS] recessive
→ dominant
3
µs
Note 1. With an input signal to the transmitter, in automatic send/receive mode
Package Dimension
unit:mm
3032D
14
85
5.0
0.15
0.35
1.27
(0.65)
SANYO : MFP8(225mil)


Podobny numer części - LA2360M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA236B-G LIGITEK-LA236B-G Datasheet
66Kb / 5P
   LED ARRAY
LA236B-I LIGITEK-LA236B-I Datasheet
65Kb / 5P
   LED ARRAY
LA236B-SE LIGITEK-LA236B-SE Datasheet
66Kb / 5P
   LED ARRAY
More results

Podobny opis - LA2360M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA2333T SANYO-LA2333T Datasheet
190Kb / 5P
   Monolithic Linear IC Automotive LAN Transceiver IC
LA2352M SANYO-LA2352M Datasheet
172Kb / 5P
   Monolithic Linear IC For Car-LAN Transceiver IC
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
logo
Sanyo Semicon Device
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com