Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA5744TP Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA5744TP
Szczegółowy opis  Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5744TP Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA5744TP Datasheet HTML 1Page - Sanyo Semicon Device LA5744TP Datasheet HTML 2Page - Sanyo Semicon Device LA5744TP Datasheet HTML 3Page - Sanyo Semicon Device LA5744TP Datasheet HTML 4Page - Sanyo Semicon Device LA5744TP Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA5744TP
No.A0647-3/5
Block Diagram
Application Circuit Example
Notes :
1. C3 is for the soft start function. Delete C3 and keep the SS pin open when the soft start function is not necessary.
2. In some cases, the output may not turn on if power is applied when a load is connected. If this is a problem, increase the value of
the inductor.
1
VIN
Reg.
Constant
current
circuit
OSC
Reset
Drive
OCP
TSD
VREF
Amp.
Comp.
2
SWOUT
4
VOS
3
5
GND
SS
ON/OFF Comp.
0.4V
VIN
SWOUT
VOS
GND
SS
L1
22
µH
C1
470
µF
/50V
R1
R2
C2
390
µF
D1
SBD
LA5744TP
C3
1
µF


Podobny numer części - LA5744TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA5744TP ONSEMI-LA5744TP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Podobny opis - LA5744TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com