Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11693H Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LB11693H
Szczegółowy opis  Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693H Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11693H Datasheet HTML 3Page - Sanyo Semicon Device LB11693H Datasheet HTML 4Page - Sanyo Semicon Device LB11693H Datasheet HTML 5Page - Sanyo Semicon Device LB11693H Datasheet HTML 6Page - Sanyo Semicon Device LB11693H Datasheet HTML 7Page - Sanyo Semicon Device LB11693H Datasheet HTML 8Page - Sanyo Semicon Device LB11693H Datasheet HTML 9Page - Sanyo Semicon Device LB11693H Datasheet HTML 10Page - Sanyo Semicon Device LB11693H Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LB11693H
No.A0287-7/24
Continued from preceding page.
Pin No.
Symbol
Description
Equivalent circuit
20
S/S
Start/stop control. Low: start, high or open: stop.
21
22
EI+
EI-
CTL amplifier noninverting input
CTL amplifier inverting input
23
TOC
PWM waveform comparator
(CTL amplifier output)
25
PWM
PWM oscillator frequency setting.
Connect a capacitor between this pin and ground.
A frequency of about 20kHz can be set by using a
2200pF capacitor.
Continued on next page.


Podobny numer części - LB11693H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
More results

Podobny opis - LB11693H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com