Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11876 Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LB11876
Szczegółowy opis  Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11876 Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11876 Datasheet HTML 6Page - Sanyo Semicon Device LB11876 Datasheet HTML 7Page - Sanyo Semicon Device LB11876 Datasheet HTML 8Page - Sanyo Semicon Device LB11876 Datasheet HTML 9Page - Sanyo Semicon Device LB11876 Datasheet HTML 10Page - Sanyo Semicon Device LB11876 Datasheet HTML 11Page - Sanyo Semicon Device LB11876 Datasheet HTML 12Page - Sanyo Semicon Device LB11876 Datasheet HTML 13Page - Sanyo Semicon Device LB11876 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LB11876
No.8317-10/15
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
17
V13
13V shunt regulator output
18
LVSD
Undervoltage protection detection
If a power supply voltage of 5V or over is to be
detected, connect a Zener diode in series to set the
detection voltage.
19
VCC
Power supply. Connect a capacitor between this pin
and ground for power supply stabilization.
20
GND
Ground
21
RF
GND
Output current detection reference
The external resistor Rf is connected to ground.
22
RF
Output current detection
A resistor is connected between RF and ground.
The maximum output current IOUT is determined by
the equation IOUT = 0.25/Rf.
Continued on next page.
17
VCC
18
VREG
21
VREG
22


Podobny numer części - LB11876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11876 ONSEMI-LB11876 Datasheet
172Kb / 15P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Podobny opis - LB11876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com