Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7940KD Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC7940KD
Szczegółowy opis  CMOS IC Dot-Matrix LCD Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7940KD Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC7940KD Datasheet HTML 1Page - Sanyo Semicon Device LC7940KD Datasheet HTML 2Page - Sanyo Semicon Device LC7940KD Datasheet HTML 3Page - Sanyo Semicon Device LC7940KD Datasheet HTML 4Page - Sanyo Semicon Device LC7940KD Datasheet HTML 5Page - Sanyo Semicon Device LC7940KD Datasheet HTML 6Page - Sanyo Semicon Device LC7940KD Datasheet HTML 7Page - Sanyo Semicon Device LC7940KD Datasheet HTML 8Page - Sanyo Semicon Device LC7940KD Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
N2206HKIM B8-8529 No.A0573-1/13
LC7940KD
LC7941KDR
Overview
The LC7940KD and LC7941KDR are segment driver LSIs for driving large, dot-matrix LCD displays. They read 4-bit
parallel or serial input, display data from a controller into an 80-bit latch, and then generate LCD drive signals
corresponding to that data. The LC7940KD and LC7941KDR feature mirror-image pin assignments, allowing them to be
used together to increase component density. They are designed to be used with the LC7942KD (QIP80D) common
driver to drive large LCD panels.
Features
• 80 built-in LCD display drive circuits
• 1/8 to 1/128 display duty cycle
• Serial or 4-bit parallel data input
• Chip disable for low power dissipation for large-sized panels
• Bias supply voltage can be supplied externally
• Operating supply voltage and ambient temperature
VDD (logic block): 2.7 to 5.5V/-20 to +85°C
VDD-VEE (LCD block): 8 to 20V/-20 to +85°C
• CMOS process
• Package: QIP100D(LC7940KD)/QIP100DR(LC7941KDR)
Ordering number : ENA0573
CMOS IC
Dot-Matrix LCD Drivers
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Podobny numer części - LC7940KD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC79400 SANYO-LC79400 Datasheet
180Kb / 8P
   Dot Matrix LCD Driver
LC79400D SANYO-LC79400D Datasheet
180Kb / 8P
   Dot Matrix LCD Driver
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
More results

Podobny opis - LC7940KD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
   CMOS IC Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
LC79430KNE ONSEMI-LC79430KNE Datasheet
120Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
logo
Integral Corp.
IZD1520 INTEGRAL-IZD1520 Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com