Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM114-609 Arkusz danych(PDF) 1 Page - Skyworks Solutions Inc.

Numer części AM114-609
Szczegółowy opis  Single Band T/R Antenna Switch Module 800-1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AM114-609 Arkusz danych(HTML) 1 Page - Skyworks Solutions Inc.

  AM114-609 Datasheet HTML 1Page - Skyworks Solutions Inc. AM114-609 Datasheet HTML 2Page - Skyworks Solutions Inc. AM114-609 Datasheet HTML 3Page - Skyworks Solutions Inc. AM114-609 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. [781] 376-3000
• Fax [781] 376-3100 • Email sales@skyworksinc.com • www.skyworksinc.com
1
Specifications subject to change without notice. 12/02A
Single Band T/R Antenna
Switch Module 800–1000 MHz
Features
■ LTCC Technology Integrating LPF/Coupler
■ GaAs PHEMT Switch Technology
■ SMD Package, 5.2 x 4 x 1.7 mm
■ Single Control with Low Current
Consumption
Applications
■ Transmit/Receive Antenna Switch for
Wireless System with Integrated LPF
and Coupler for Power Detection
AM114-609
Description
The AM114-609 is a high power antenna switch with an
LTCC low pass filter and LTCC coupler included for power
detection. The switches are PHEMT GaAs FETs that can
operate at 2.5 V with low DC current drain.
Preliminary
PIN 1 INDICATOR
5.40 MOLD CAP
DIMENSION ONLY
4.20
MOLD CAP
DIMENSION
ONLY
1.10 ± 0.05
1.66
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Dimensions in mm. Tolerance ± 0.2 unless otherwise specified.
PIN 1
PIN 11
8X 1.00
4X 0.30
4X 2.40
10X 1.70
4.00
2X 0.20
4X 0.40
10X 0.30
METAL
PAD 2X
METAL PADS 10X
5.20
Outline Drawing
Parameter
Min.
Typ.
Max.
Unit
Frequency Range
851
941
MHz
Insertion Loss
0.6
0.8
dB
VSWR In-Band
1.5:1
RF Input Power
0
dBm
RX Current @ VS = 3 V
30
µA
Supply Voltage (VS)
2.7
3.0
5.0
V
Electrical Specifications @ 25°C
Receive Path


Podobny numer części - AM114-609

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AM1100F PANASONIC-AM1100F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1101F PANASONIC-AM1101F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1103F PANASONIC-AM1103F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1105F PANASONIC-AM1105F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1106F PANASONIC-AM1106F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

Podobny opis - AM114-609

ProducentNumer częściArkusz danychSzczegółowy opis
logo
World Produts Inc.
WPANT30047-RA WPI-WPANT30047-RA Datasheet
146Kb / 2P
   800 MHz Cellular band Corner Antenna
WPANT30045-RA WPI-WPANT30045-RA_15 Datasheet
67Kb / 2P
   800 MHz Cellular-band Unipolarized Directional Antenna
WPANT30045-RA WPI-WPANT30045-RA Datasheet
72Kb / 2P
   800 MHz Cellular-band Unipolarized Directional Antenna
logo
TE Connectivity Ltd
2118060-1 TEC-2118060-1 Datasheet
2Mb / 2P
   2300 ??800 & 5150 ??875 MHz Dual Band Antenna
logo
Eudyna Devices Inc
FMM5321ZV EUDYNA-FMM5321ZV Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
logo
World Produts Inc.
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
   800 / 900 MHz ISM Band and GSM Embedded Antenna
logo
TE Connectivity Ltd
1513504-1 TEC-1513504-1 Datasheet
1Mb / 2P
   2400 ??483.5 MHz Single Band Antenna
1513349-1 TEC-1513349-1 Datasheet
1Mb / 2P
   2400 ??483.5 MHz ??Single Band Antenna
1513797-1 TEC-1513797-1 Datasheet
1Mb / 2P
   2400 ??483.5 MHz Single Band Antenna
1513353-1 TEC-1513353-1 Datasheet
868Kb / 2P
   2400 ??2483.5 MHz Single Band Antenna
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com