Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS0203EJ Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części SS0203EJ
Szczegółowy opis  Schottky Barrier Diode 30V, 200mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS0203EJ Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  SS0203EJ Datasheet HTML 1Page - Sanyo Semicon Device SS0203EJ Datasheet HTML 2Page - Sanyo Semicon Device SS0203EJ Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS0203EJ
No.8171-3/3
IT08179
0
0
0.20
0.15
0.05
0.10
0.25
0.15
0.10
0.05
IFSM -- t
Time, t -- s
C -- VR
PF(AV) -- IO
Average Forward Current, IO -- A
Reverse Voltage, VR -- V
180
°
360
°
θ
360
°
(1)
(2) (4) (3)
IT07894
2
1.0
32
3
57
2
0.1
35
7
0.01
7
0
0.4
0.8
2.0
2.4
1.2
1.6
2.8
ID00247
IS
20ms
t
Sine wave
Rectangular
wave
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Current waveform 50Hz sine wave
0.1
2
3
7
5
2
10
3
7
5
23
5
7 1.0
23
5
2
3
5
77
10
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of December, 2004. Specifications and information herein are subject
to change without notice.
PS


Podobny numer części - SS0203EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Crystal Techno...
SS00003GIHD-PE ACT-SS00003GIHD-PE Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
SS00003GIHL-PE ACT-SS00003GIHL-PE Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
SS00003NIHD-PE ACT-SS00003NIHD-PE Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
SS00003NIHL-PE ACT-SS00003NIHL-PE Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
SS00003PIHD-PE ACT-SS00003PIHD-PE Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
More results

Podobny opis - SS0203EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
   Schottky Barrier Diode, 200mA, 30V Type
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
   30V 200mA Schottky Diode
Rev 1.1 13/07/23
logo
AiT Semiconductor Inc.
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
   SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
   SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
logo
Sanyo Semicon Device
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
   30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
   30V, 200mA Rectifier
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
   30V, 200mA Rectifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com