Zakładka z wyszukiwarką danych komponentów |
|
1N4002 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N4002 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page Dimensions in inches and (millimeters) Version: A06 1N4001 - 1N4007, BY133 1.0 AMP. Silicon Rectifiers DO-41 Features High efficiency, Low VF High current capability High reliability High surge current capability Low power loss Mechanical Data Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260 oC /10 seconds/.375”,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.35 gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol 1N 4001 1N 4002 1N 4003 1N 4004 1N 4005 1N 4006 1N 4007 BY 133 Units Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 1300 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 910 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 1300 V Maximum Average Forward Rectified Current .375”(9.5mm) Lead Length @TA = 75 oC I(AV) 1.0 A Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) IFSM 30 A Maximum Instantaneous Forward Voltage @1.0A VF 1.0 V Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC IR 5.0 50 uA uA Maximum Full Load Reverse Current ,Full Cycle Average .375”(9.5mm) Lead Length @TA=75 oC HTIR 30 uA Typical Junction Capacitance ( Note 1 ) Cj 10 pF Typical Thermal Resistance ( Note 2 ) RθJA 65 oC/W Operating and Storage Temperature Range TJ ,TSTG -65 to +150 oC Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B. |
Podobny numer części - 1N4002 |
|
Podobny opis - 1N4002 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |