Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5611-100-D-3-S Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SM5611-100-D-3-S
Szczegółowy opis  OEM PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED DUAL-IN-LINE PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM5611-100-D-3-S Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5611-100-D-3-S Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5611-100-D-3-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5611/SM5612
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
CHARACTERISTICS FOR SM5611/SM5612 - SPECIFICATIONS
Test Conditions: Model SM5611 w/excitation = 1.500mA @ 25
oC, Model SM5612 w/excitation = 10.00Vdc @ 25 oC, unless otherwise specified.
Min.
Typ.
Max.
Units
Notes
Excitation
Current (SM5611)
0.00
1.50
3.00
mA
Voltage (SM5612)
0.00
10.00
20.00
V
Output
Span (SM5611)
75.0
105.0
150.0
mV
1
Span (SM5612)
39.5
40.0
40.5
mV
2
Offset
-2.00
±0.20
2.00
mV
Temperature Performance
TC Span
-0.5
±0.2
0.5
%FS
3
TC Offset
-0.5
±0.2
0.5
%FS
3
Temp Hysteresis
±0.1
%FS
Accuracy
Linearity
-0.10
±0.05
0.10
%FS
4
Repeatability
-0.10
±0.05
0.10
%FS
Pressure Hysteresis
-0.10
±0.05
0.10
%FS
Sensitivity Matching
-2.00
±0.20
+2.00
%FS
1, 5
Impedance (SM5611)
Z Input
1.80
3.00
3.80
k
Z Output
2.70
3.30
3.80
k
Impedance (SM5612)
Z Input
4.50
8.00
25.00
k
Z Output
2.00
2.50
3.80
k
Temperature Range
Calibration
0
60
°C
Operating
-40
125
°C
Storage
-55
125
°C
Dynamic Characteristics
Proof Pressure
3X or 225 PSI, whichever is less
FS Pressure
Burst Pressure
5X or 225 PSI, whichever is less
FS Pressure
Notes:
1.
Positive Pressure is defined as entry on the bottom side of the die; gain, during factory calibration, is set using negative pressure
2.
Output span of unamplified sensor
3.
Measured over a temperature range of 0 to 60 oC.
4.
Best fit straight line
5.
Sensitivity matching relates to part-to-part matching
Circuit Configuration for SM5611
Pressure Ranges
PSI
5611/ 5612
5
005
15
015
30
030
60
060
100
100
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the use of any circuits described
herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication has been checked, no
responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of
a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Model 5611 Pin-out
Model 5612 Pin-Out
1 -Signal Out
1 -Signal Out
2 -Iexc
2 -Vexc
3 +Signal Out*
3 +Signal Out*
4 +Iexc
4 +Vexc
5 Gainset Resistor
5 Do Not Connect
6 Gainset Resistor
6 Do Not Connect
*Output increases as pressure is increased on Positive
Differential Tube or Absolute Tube
DO NOT connect to “Do Not Connect” pins
Notes:
- All dimensions are shown in inches
- Tolerance on all dimensions + 0.005” unless otherwise specified.
Pin Configuration
Rev 1.2 8_02
ORDERING INFORMATION:


Podobny numer części - SM5611-100-D-3-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
logo
Bourns Electronic Solut...
SM561-1 BOURNS-SM561-1 Datasheet
183Kb / 1P
   ADSL Line Transformers
logo
Datatronic Distribution...
SM561-1 DATATRONICS-SM561-1 Datasheet
102Kb / 1P
   ADSL Line Transformers
logo
Bourns Electronic Solut...
SM561-1E BOURNS-SM561-1E Datasheet
183Kb / 1P
   ADSL Line Transformers
logo
Nippon Precision Circui...
SM5610 NPC-SM5610 Datasheet
150Kb / 6P
   IC for Quartz Crystal Oscillating Module
More results

Podobny opis - SM5611-100-D-3-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com