Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA02 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TPA02
Szczegółowy opis  Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TPA02 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TPA02 Datasheet HTML 1Page - List of Unclassifed Manufacturers TPA02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TPA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TPA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TPA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES
POWER DERATING
CURRENT LIMIT
BIAS CURRENT
COMMON MODE REJECTION
INPUT NOISE
PULSE RESPONSE
SMALL SIGNAL RESPONSE
POWER RESPONSE
PHASE RESPONSE
HARMONIC DISTORTION
OUTPUT VOLTAGE SWING
QUIESCENT CURRENT
50
40
30
20
10
0
TPA02/02A Rev. A Sept. 2006
0
25
50
75
100
125
CASE TEMPERATURE oC
-15
5
25
45
65
85
105
CASE TEMPERATURE oC
256
64
16
4
1
.25
.06
-25
0
25
50
75
100 125
CASE TEMPERATURE oC
120
100
80
60
40
20
0
-20
1
10
100 1K
10K 100K 1M 10M
FREQUENCY (Hz)
1
10
100 1K
10K 100K 1M 10M
FREQUENCY (Hz)
0
-30
-60
-90
-120
-150
-180
-210
1
10 100 1K
10K 100K 1M 10M
FREQUENCY (Hz)
120
100
80
60
40
20
0
.3
.2
.1
0
-.1
-.2
-.3
0
.5
1.0
1.5
TIME (µs)
-25
0
25
50
75
100 125
CASE TEMPERATURE oC
1.6
1.4
1.2
1.0
0.8
0.6
0.4
100
300
1K
3K
10K
30K 100K
FREQUENCY (Hz)
3
1
0.3
0.1
0.03
0.01
0.003
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
.1M
.2M
.3M
.5M
.7M 1M
30
23
18
13
10
7.8
6.0
10
100
1K
10K
100K
FREQUENCY (Hz)
100
70
50
40
30
20
10
6
5
4
3
2
1
0
3
6
9
12
15
OUTPUT CURRENT (A)
abs(+Vs)+abs(-Vs)=36V
abs(+Vs)+abs(-Vs)=30V
RCL = 0.3Ω
RCL = 0.62Ω
T=TC
T=TA
VIN = ±2V, tr = 50ns
P o
= .
5W
P o
= 5
W
P o
=
50
mW
Gain = 1
Load = 10Ω
+Vo
FREQUENCY (Hz)


Podobny numer części - TPA02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWP TI-TPA0202PWP Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWP TI1-TPA0202PWP Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWPG4 TI1-TPA0202PWPG4 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com