Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TYN612MRG Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części TYN612MRG
Szczegółowy opis  12 A SCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MRG Arkusz danych(HTML) 6 Page - STMicroelectronics

  TYN612MRG Datasheet HTML 1Page - STMicroelectronics TYN612MRG Datasheet HTML 2Page - STMicroelectronics TYN612MRG Datasheet HTML 3Page - STMicroelectronics TYN612MRG Datasheet HTML 4Page - STMicroelectronics TYN612MRG Datasheet HTML 5Page - STMicroelectronics TYN612MRG Datasheet HTML 6Page - STMicroelectronics TYN612MRG Datasheet HTML 7Page - STMicroelectronics TYN612MRG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
TYN612M
6/8
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com.
Table 5.
TO-220FPAB Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
A
B
Dia
L7
L6
L5
F1
F2
F
D
E
L4
G1
G
L2
L3


Podobny numer części - TYN612MRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TYN612MRG STMICROELECTRONICS-TYN612MRG Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
Kersemi Electronic Co.,...
TYN612MRG KERSEMI-TYN612MRG Datasheet
458Kb / 7P
   12 A SCR
More results

Podobny opis - TYN612MRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com