Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4027BE Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4027BE
Szczegółowy opis  CMOS Dual J-K Master-Slave Flip-Flop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4027BE Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button CD4027BE Datasheet HTML 3Page - Texas Instruments CD4027BE Datasheet HTML 4Page - Texas Instruments CD4027BE Datasheet HTML 5Page - Texas Instruments CD4027BE Datasheet HTML 6Page - Texas Instruments CD4027BE Datasheet HTML 7Page - Texas Instruments CD4027BE Datasheet HTML 8Page - Texas Instruments CD4027BE Datasheet HTML 9Page - Texas Instruments CD4027BE Datasheet HTML 10Page - Texas Instruments CD4027BE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Podobny numer części - CD4027BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4027BE TI-CD4027BE Datasheet
531Kb / 12P
[Old version datasheet]   CMOS DUAL J-K MASTER-SLAVER FLIP-FLOP
CD4027BE TI1-CD4027BE Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027BEE4 TI-CD4027BEE4 Datasheet
531Kb / 12P
[Old version datasheet]   CMOS DUAL J-K MASTER-SLAVER FLIP-FLOP
CD4027BEE4 TI1-CD4027BEE4 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
More results

Podobny opis - CD4027BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
   CMOS Dual J-K Master-Slave Flip-Flop
December 1992
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com