Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS26L Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części SS26L
Szczegółowy opis  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS26L Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS26L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS26L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 36 -
Version: B07
SS22L - SS215L
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Sub SMA
Features
For surface mounted application
Low-Profile Package
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Cases: Sub SMA plastic case
Terminal : Pure tin plated, lead free.
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Weight approx. 15mg
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%
Type Number
Symbol SS
22L
SS
23L
SS
24L
SS
25L
SS
26L
SS
29L
SS
210L
SS
215L
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Marking Code (Note 4)
22LYM 23LYM 24LYM 25LYM 26LYM 29LYM 20LYM 2ALYM
Maximum Average Forward Rectified
Current at TL(See Fig. 1)
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 2.0A
VF
0.5
0.70
0.85
0.95
V
0.4
0.1
Maximum DC Reverse Current
@ TA =25 oC at
Rated DC Blocking Voltage
@ TA=125 oC
IR
15
10
5
mA
mA
Typical Junction Capacitance (Note 3)
Cj
130
pF
Typical Thermal Resistance ( Note 2 )
R θJL
R θJA
17
75
o
C/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.27” x 0.27”(7.0mm x 7.0mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
4. 22LYM: 2=2A, 2-20V, L-Low Profile, Y-Year Code, M-Month Code.


Podobny numer części - SS26L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
SS26L TSC-SS26L Datasheet
88Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS26L TSC-SS26L Datasheet
135Kb / 2P
   2.0AMPS Surface Mount Schottky Barrier Rectifiers
SS26L TSC-SS26L Datasheet
208Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
SS26L CHONGQING-SS26L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SS26L JINGHENG-SS26L Datasheet
69Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SS26L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
   2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A_1 Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL22A TSC-SKL22A Datasheet
61Kb / 3P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SK225 JGD-SK225 Datasheet
142Kb / 2P
   2.0 AMPS, SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L Datasheet
88Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22 Datasheet
63Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK24A TSC-SK24A Datasheet
48Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22_11 Datasheet
186Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com