Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS6B01G Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części TS6B01G
Szczegółowy opis  Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS6B01G Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS6B01G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS6B01G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (TS6B01G THRU TS6B07G)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER BRIDGE ELEMENT
1
0
0
1
0
2
0
1
2
50
5
25
150
125
100
75
50
175
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL FORWARD
PER BRIDGE ELEMENT
CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
100
10
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
100
50
150
0
3
6
CASE TEMPERATURE. ( C)
o
MOUNTED ON 4x4 INCH
COPPER PC BOARD
0.5" (12.7mm) LEAD LENGTH
0
Version: A06
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
1000
600
500
400
300
200
100
0
REVERSE VOLTAGE. (V)
200
500
Tj=25 C
0
50
0.1
0.5


Podobny numer części - TS6B01G_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_14 Datasheet
218Kb / 4P
   Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_16 Datasheet
194Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Podobny opis - TS6B01G_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
   6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B05G TSC-TS6B05G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com