Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS750 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS750
Szczegółowy opis  6.0 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS750 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS750 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS750 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 526 -
TS750 THRU TS758
6.0 AMPS. Silicon Rectifiers
Voltage Range
50 to 800 Volts
Current
6.0 Amperes
Features
Plastic material used carries
Underwriters Laboratory Classification
94V-0
High forward current capability
Diffused junction
High surge current capability
High temperature soldering guaranteed:
260
OC/10 seconds, 0.375”(9.5mm) lead
length, 5lbs.(2.3kg) tension
Mechanical Data
Cases: Molded plastic body
Lead: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.07 ounce, 2.1 grams
P600
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave,60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS750 TS751 TS752 TS754 TS756 TS758 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
V
Maximum Non-repetitive Peak Reverse Voltage
VBR
60
120
240
480
720
1200
V
Maximum Average Forward Rectified Current at
TA = 60
℃, P.C.B. Mounting (Fig. 1)
TL= 60
℃, 0.125”(3.18mm) Lead Length (Fig. 2)
I(AV)
6.0
22.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
400
A
0.95
Maximum Instantaneous Forward Voltage @ 6.0A
@ 100A
VF
1.25
1.30
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
IR
5.0
1000
uA
uA
Typical Junction Capacitance ( Note 1 )
Cj
150
pF
Typical Thermal Resistance (Note 2)
R
θJA
R
θJL
20.0
4.0
℃/W
Operating Junction Temperature Range
TJ
-50 to +150
Storage Temperature Range
TSTG
-50 to +150
Notes: 1. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Podobny numer części - TS750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS750 ETC1-TS750 Datasheet
171Kb / 2P
   6A Silicon Rectifiers
More results

Podobny opis - TS750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS????
logo
Taiwan Semiconductor Co...
P600A TSC-P600A Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
6A05 TSC-6A05_10 Datasheet
509Kb / 2P
   6.0 AMPS. Silicon Rectifiers
logo
New Jersey Semi-Conduct...
6A05 NJSEMI-6A05 Datasheet
74Kb / 1P
   6.0 AMPS. Silicon Rectifiers
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
   6.0 AMPS. Silicon Rectifiers
6A05 TSC-6A05_1 Datasheet
243Kb / 2P
   6.0 AMPS. Silicon Rectifiers
P600A TSC-P600A_1 Datasheet
244Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Yangzhou yangjie electr...
6A05 YANGJIE-6A05 Datasheet
55Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS
P600A-P6A05 YANGJIE-P600A-P6A05 Datasheet
854Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com