Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2937CZ Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2937CZ
Szczegółowy opis  500mA Ultra Low Dropout Fixed Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CZ Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2937CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS2937
4-6
2003/12 rev. B
Application Information (continued)
The next parameter which must be calculated the
maximum allowable temperature rise.
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.TA(max) is the maximum ambient
temperature which will be encountered in the
application.
Using the calculated values for TR(max) and PD, the
maximum allowable value for the junction to ambient
thermal resistance,
θja, can now be found:
θja = TR(max) / PD
IMPORTANT:
if the maximum allowable value for is found to be ≥ 60
oC/W for the TO-220 package, ≥80 oC/W for the
TO-263 package, ≥150
oC/W for the TO-252 package,
or ≥170
oC/W for the SOT-223 package, no heatsink is
needed since the package alone will dissipate enough
heat to satisfy these requirements. If the calculated
value for
θja falls below these limits, a heatsink is
required.


Podobny numer części - TS2937CZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2937CZ TSC-TS2937CZ Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ TSC-TS2937CZ Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937CZ10 TSC-TS2937CZ10 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ12 TSC-TS2937CZ12 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ12C0 TSC-TS2937CZ12C0 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
More results

Podobny opis - TS2937CZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com