Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3843BCD Arkusz danych(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Numer części TS3843BCD
Szczegółowy opis  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3843BCD Arkusz danych(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3843BCD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS3843BCD Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Undervoltage Lockout(contd.)
This provides a low impedance path for filtering the high frequency noised. All high current loops
should be kept as short as possible using heavy copper runs to minimize radiated EMI. The Error
Amp compensation circuitry and the converter output voltage divider should be located close to
the IC and as far as possible from the power switch and other noise generating components.
Current mode converters can exhibit subharmonic oscillations when operating at a duty cycle
greater than 50% with continuous inductor current. This instability is independent of the regula-
tors closed loop characteristics and is caused by the simultaneous operating conditions of fixed
frequency and peak current detecting. Figure 19(A) shows the phenomenon graphically. At t
0,
switch conduction begins causing the inductor current to rise at a slope of m
1. This slope is a
function of the input voltage divided by the inductance. At t1, the Current Sense Input reaches the
threshold established by the control voltage. This causes the switch to turn off and the current to
decay at a slope of m
2, until the next oscillator cycle. This unstable condition can be shown if a
perturbation is added to the control voltage, resulting in a small
1(dashed line). With a fixed
oscillator period, the current decay time is reduced, and the minimum current at switch turn-on(t
2)
is increased by
1+
1m
2/m1. The minimum current at the next cycle (t3) decreases to
(
1+
1m
2/m1)(m2/m1). This perturbation is multiplied by m2/m1 on each succeeding cycle, alternately
increasing and decreasing the inductor current at switch turn-on. Several oscillator cycles may be
required before the inductor current reaches zero causing the process to commence again. If m
2/
m
1 is greater than 1, the converter will be unstable. Figure 19(B) shows that by adding an artificial
ramp that is synchronized with the PWM clock to the control voltage, the
1 perturbation will
decrease to zero on succeeding cycles. This compensating ramp (m
3) must have a slope equal to
or slightly greater than m
2/2 for stability. With m2/2 slope compensation, the average inductor
current follows the control voltage yielding true current mode operation. The compensating ramp
can be derived from the oscillator and added to either the Voltage Feedback or Current Sense
inputs (Figure 32).
Figure 19 - Continuous Current Waveforms
+
+
Control Voltage
Inductor
Current
Oscillator Period
Control Voltage
Inductor
Current
Oscillator Period
(A)
(B)
m1
m2
t0
t1
t2
t3
m3
m2
t4
t5
t6
∆∆
1
m1
11
m2
m1
11m2
m1
m 2
m 1


Podobny numer części - TS3843BCD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS3843BCD ETC-TS3843BCD Datasheet
521Kb / 20P
   High Performance Current Mode Controller
More results

Podobny opis - TS3843BCD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com