Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS7800A Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS7800A
Szczegółowy opis  3-Terminal Fixed Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7800A Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS7800A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7800A Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS7800A series
4-9
2003/12 rev. B
TS7810A Electrical Characteristics
(Vin=16V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
9.8
10
10.2
Output Voltage
Vout
12.5V
≤Vin≤25V,
10mA
≤Iout≤1.5A, PD≤15W
9.6
10
10.4
V
12.5V
≤Vin≤28V
--
7
200
Line Regulation
REGline
Tj=25
oC
13V
≤Vin≤17V
--
2
100
10mA
≤Iout≤1.5A
--
12
200
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
100
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
12.5V
≤Vin≤28V
--
--
1
Quiescent Current Change
∆Iq
10mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
70
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 13V
≤Vin≤23V
55
71
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
18
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
400
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
TS7812A Electrical Characteristics
(Vin=19V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
11.76
12
12.24
Output Voltage
Vout
14.5V
≤Vin≤27V,
10mA
≤Iout≤1.5A, PD ≤15W
11.52
12
12.48
V
14.5V
≤Vin≤30V
--
10
240
Line Regulation
REGline
Tj=25
oC
15V
≤Vin≤19V
--
3
120
10mA
≤Iout≤1.5A
--
12
240
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
120
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.3
8
14.5V
≤Vin≤30V
--
--
1
Quiescent Current Change
∆Iq
10mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
75
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 15V
≤Vin≤25V
55
71
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
18
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
350
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Podobny numer części - TS7800A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS7800A ETC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800ACI ETC-TS7800ACI Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800ACZ ETC-TS7800ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A_07 Datasheet
525Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
More results

Podobny opis - TS7800A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com