Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDG8842CZ Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FDG8842CZ
Szczegółowy opis  Complementary PowerTrench짰 MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG8842CZ Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  FDG8842CZ Datasheet HTML 1Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 2Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 3Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 4Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 5Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 6Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 7Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Characteristics(Q2 P-Channel) T
J = 25°C unless otherwise noted
Figure 19. Gate Charge Characteristics
0.0
0.4
0.8
1.2
1.6
0
1
2
3
4
5
VDD = -10V
VDD = -15V
Qg, GATE CHARGE(nC)
VDD = -5V
ID = -0.41A
0.1
1
10
1
10
100
200
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
25
Figure 20. Capacitance vs Drain
to Source Voltage
Figure 21. Forward Bias Safe
Operating Area
110
0.01
0.1
1
0.3
50
3
1ms
1s
DC
100ms
10ms
SINGLE PULSE
TJ = MAX RATED
RθJA = 415oC/W
TA = 25oC
-VDS, DRAIN to SOURCE VOLTAGE (V)
r DS(
on
)
LIM
ITED
Figure 22. Single Pulse Maximum Power
Dissipation
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
TA = 25OC
RθJA= 415OC/W
SINGLE PULSE
20
t, PULSE WIDTH (s)
Figure 23. Transient Thermal Response Curve
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.01
0.1
1
RθJA = 415
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
www.fairchildsemi.com
7
©2007 Fairchild Semiconductor Corporation
FDG8842CZ Rev.B


Podobny numer części - FDG8842CZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG8850NZ FAIRCHILD-FDG8850NZ Datasheet
326Kb / 5P
   Dual N-Channel PowerTrench짰 MOSFET
More results

Podobny opis - FDG8842CZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ_08 Datasheet
1Mb / 9P
   20V Complementary PowerTrench짰 MOSFE
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com