Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK004SF Arkusz danych(PDF) 3 Page - AUK corp

Numer części STK004SF
Szczegółowy opis  N-channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

STK004SF Arkusz danych(HTML) 3 Page - AUK corp

  STK004SF Datasheet HTML 1Page - AUK corp STK004SF Datasheet HTML 2Page - AUK corp STK004SF Datasheet HTML 3Page - AUK corp STK004SF Datasheet HTML 4Page - AUK corp STK004SF Datasheet HTML 5Page - AUK corp STK004SF Datasheet HTML 6Page - AUK corp STK004SF Datasheet HTML 7Page - AUK corp STK004SF Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T5C039-001
3
N-CH Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250μA, VGS=0
20
-
-
V
Gate threshold voltage
VGS(th)
ID=250μA, VDS=VGS
0.6
-
1.2
V
Drain-source cut-off current
IDSS
VDS=20V, VGS=0V
-
-
1
μA
Gate leakage current
IGSS
VDS=0V, VGS=±12V
-
-
±10
μA
VGS=4.5V, ID=2.1A
-
19
40
Drain-source on-resistance
RDS(ON)
VGS=2.5V, ID=2.1A
-
27
45
Forward transfer conductance
gfs
VDS=2V, ID=4.2A
-
22
-
S
Input capacitance
Ciss
-
390
590
Output capacitance
Coss
-
90
135
Reverse transfer capacitance
Crss
VGS=0V, VDS=10V,
f=1MHz
-
40
60
pF
Turn-on delay time
td(on)
-
2.0
-
Rise time
tr
-
1.9
-
Turn-off delay time
td(off)
-
2.8
-
Fall time
tf
VDD=10V, ID=4.2A
RG=10Ω
③④
-
1.9
-
ns
Total gate charge
Qg
-
4.0
6.0
Gate-source charge
Qgs
-
1.0
1.5
Gate-drain charge
Qgd
VDD=10V, VGS=4.5V
ID=4.2A
③④
-
1.6
2.4
nC
Source-Drain Diode Ratings and Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current
IS
-
-
0.5
Sourcecurrent(Plused)
ISM
Integral reverse diode
in the MOSFET
-
-
2.0
A
Forward voltage
VSD
VGS=0V, IS=0.5A
-
0.7
1.2
V
Reverse recovery time
trr
-
57
-
ns
Reverse recovery charge
Qrr
Is=0.5A, VDD=10V
diS/dt=100A/us
-
240
-
uC
Note ;
① Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
② L=2.0mH, I
AS=4.2A, VDD=10V, RG=25Ω
③ Pulse Test : Pulse Width< 300us, Duty cycle≤ 2%
④ Essentially independent of operating temperature
STK004SF


Podobny numer części - STK004SF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
STK004SF KODENSHI-STK004SF Datasheet
457Kb / 8P
   PORTABLE EQUIPMENT APPLICATION
logo
VBsemi Electronics Co.,...
STK004SF VBSEMI-STK004SF Datasheet
481Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - STK004SF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
   N-channel Trench MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
   N-CHANNEL TRENCH MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
   N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
logo
Shanghai Leiditech Elec...
LM3043N LEIDITECH-LM3043N Datasheet
771Kb / 5P
   N-Channel Trench MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
logo
Solid States Devices, I...
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
logo
SemiHow Co.,Ltd.
HRLF43N06H SEMIHOW-HRLF43N06H Datasheet
538Kb / 7P
   60V N-Channel Trench MOSFET
HRLO60N06H SEMIHOW-HRLO60N06H Datasheet
574Kb / 8P
   60V N-Channel Trench MOSFET
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com