Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK0260I Arkusz danych(PDF) 2 Page - AUK corp

Numer części STK0260I
Szczegółowy opis  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

STK0260I Arkusz danych(HTML) 2 Page - AUK corp

  STK0260I Datasheet HTML 1Page - AUK corp STK0260I Datasheet HTML 2Page - AUK corp STK0260I Datasheet HTML 3Page - AUK corp STK0260I Datasheet HTML 4Page - AUK corp STK0260I Datasheet HTML 5Page - AUK corp STK0260I Datasheet HTML 6Page - AUK corp STK0260I Datasheet HTML 7Page - AUK corp STK0260I Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T6Q002-000
2
STK0260I
Absolute maximum ratings
(Tc=25
°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
±30
V
(Tc=25℃)
2.0
A
Drain current (DC)
ID
(Tc=125℃)
1.2
A
Drain current (Pulsed) *
IDP
8.0
A
Drain Power dissipation
PD
34
W
Avalanche current (Single)
IAS
2.0
A
Single pulsed avalanche energy
EAS
42
mJ
Avalanche current (Repetitive)
IAR
2.0
A
Repetitive avalanche energy
EAR
3.7
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max
Unit
Junction-case
Rth(J-C)
-
3.67
Thermal
resistance
Junction-ambient
Rth(J-a)
-
62.5
/W


Podobny numer części - STK0260I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK0260 AUK-STK0260 Datasheet
458Kb / 8P
   Advanced Power MOSFET
STK0260D AUK-STK0260D Datasheet
455Kb / 8P
   Advanced Power MOSFET
STK0260F AUK-STK0260F Datasheet
463Kb / 8P
   Advanced Power MOSFET
More results

Podobny opis - STK0260I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com