Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK7575P Arkusz danych(PDF) 3 Page - AUK corp

Numer części STK7575P
Szczegółowy opis  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

STK7575P Arkusz danych(HTML) 3 Page - AUK corp

  STK7575P Datasheet HTML 1Page - AUK corp STK7575P Datasheet HTML 2Page - AUK corp STK7575P Datasheet HTML 3Page - AUK corp STK7575P Datasheet HTML 4Page - AUK corp STK7575P Datasheet HTML 5Page - AUK corp STK7575P Datasheet HTML 6Page - AUK corp STK7575P Datasheet HTML 7Page - AUK corp STK7575P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0P007-000
3
STK7575P
Electrical Characteristics (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-Source breakdown voltage
BVDSS
ID=250μA, VGS=0
75
-
-
V
Gate-Threshold voltage
VGS(th)
ID=250μA, VDS= VGS
2.0
-
4.0
V
Drain-source leakage current
IDSS
VDS=75V, VGS=0V
-
-
10
μA
Gate-source leakage
IGSS
VDS=0V, VGS=±20V
-
-
±100
nA
Drain-Source on-resistance
RDS(ON)
VGS=10V, ID=37.5A
-
12
15
Forward transfer admittance
gfs
VDS=20V, ID=37.5A
-
15
-
S
Input capacitance
Ciss
-
2540
3210
Output capacitance
Coss
-
950
1200
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V, f=1MHz
-
220
275
pF
Turn-on delay time
td(on)
-
40
80
Rise time
tr
-
230
460
Turn-off delay time
td(off)
-
170
340
Fall time
tf
VDD=40V, ID=75A
RG=25Ω
③④
-
190
330
ns
Total gate charge
Qg
-
80
105
Gate-source charge
Qgs
-
16
-
Gate-drain(“Miller”)charge
Qgd
VDS=60V, VGS=10V,
ID=75A
③④
-
30
-
nC
Source-Drain Diode Ratings and Characteristics (Tc=25°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Units
Continuous source current
IS
-
-
75
Pulsed-source current
ISM
Integral reverse diode
in the MOSFET
-
-
300
A
Diode forward voltage
VSD
VGS=0V, IS=75A
-
-
1.5
V
Reverse recovery time
trr
-
90
-
ns
Reverse recovery charge
Qrr
Is=75A
diF/dt=100A/us
-
250
-
uC
Note ;
① Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
② L=0.32mH I
AS=75A, VDD=25V, RG=25Ω , starting TJ=25℃
③ Pulse Test : Pulse Width< 300us, Duty cycle≤ 2%
④ Essentially independent of operating temperature


Podobny numer części - STK7575P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK7570 ETC1-STK7570 Datasheet
207Kb / 3P
   OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQIPMENT
logo
Sanyo Semicon Device
STK7571 SANYO-STK7571 Datasheet
207Kb / 3P
   2 OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQUIPMENT
logo
List of Unclassifed Man...
STK7571A ETC1-STK7571A Datasheet
207Kb / 3P
   OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQIPMENT
STK7571B ETC1-STK7571B Datasheet
207Kb / 3P
   OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQIPMENT
logo
Sanyo Semicon Device
STK7572 SANYO-STK7572 Datasheet
207Kb / 3P
   2 OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQUIPMENT
More results

Podobny opis - STK7575P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com