Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33066P Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC33066P
Szczegółowy opis  High Performance Resonant Mode Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33066P Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC33066P Datasheet HTML 1Page - Motorola, Inc MC33066P Datasheet HTML 2Page - Motorola, Inc MC33066P Datasheet HTML 3Page - Motorola, Inc MC33066P Datasheet HTML 4Page - Motorola, Inc MC33066P Datasheet HTML 5Page - Motorola, Inc MC33066P Datasheet HTML 6Page - Motorola, Inc MC33066P Datasheet HTML 7Page - Motorola, Inc MC33066P Datasheet HTML 8Page - Motorola, Inc MC33066P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC34066 MC33066
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 12 V [Note 2], ROSC = 95.3 k, RDT = 0 Ω, RVFO = 5.62 k, COSC = 300 pF,
RT = 14.3 k, CT = 300 pF, CL = 1.0 nF, for typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that
applies [Note 3], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (Error Amp Output Low)
TA = 25°C
Total Variation (VCC = 10 V to 18 V, TA = TLow to THigh)
fOSC(low)
90
85
100
110
115
kHz
Frequency (Error Amp Output High)
TA = 25°C
Total Variation (VCC = 10 V to 18 V, TA = TLow to THigh)
fOSC(high)
900
850
1000
1100
1150
kHz
Oscillator Control Input Voltage, Pin 3 (ISink = 0.5 mA, TA = 25°C)
Vin
1.3
1.4
1.5
V
Output Deadtime (Error Amp Output High)
RDT = 0 Ω
RDT = 1.0 k
DT
600
70
700
100
800
ns
ONE–SHOT
Drive Output On–Time (RDT = 1.0 k)
TA = 25°C
Total Variation (VCC = 10 V to 18 V, TA = TLow to THigh)
tOS
1.43
1.4
1.5
1.57
1.6
µs
DRIVE OUTPUTS
Output Voltage
Low State (ISink = 20 mA)
Low State (ISink = 200 mA)
High State (ISource = 20 mA)
High State (ISource = 200 mA)
VOL
VOH
9.5
9.0
0.8
1.5
10.3
9.8
1.2
2.0
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 1.0 mA)
VOL(UVLO)
0.8
1.2
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
20
50
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
20
50
ns
FAULT COMPARATOR
Input Threshold
Vth
0.95
1.0
1.05
V
Input Bias Current (VPin 10 = 0 V)
IIB
–2.0
–10
µA
Propagation Delay to Drive Outputs (100 mV Overdrive)
tPLH(In/Out)
60
100
ns
SOFT–START
Capacitor Charge Current (VPin 11 = 2.5 V)
Ichg
4.5
8.1
14
µA
Capacitor Discharge Current (VPin 11 = 2.5 V)
IIdchg
1.0
8.0
mA
UNDERVOLTAGE LOCKOUT
Startup Threshold, VCC Increasing
Enable/UVLO Adjust Pin Open
Enable/UVLO Adjust Pin Connected to VCC
Vth(UVLO)
14.8
8.0
16
9.0
17.2
10
V
Minimum Operating Voltage after Turn–On
Enable/UVLO Adjust Pin Open
Enable/UVLO Adjust Pin Connected to VCC
VCC(min)
8.0
7.6
9.0
8.6
10
9.6
V
Enable/UVLO Adjust Shutdown Threshold Voltage
Vth(Enable)
6.0
7.0
V
Enable/UVLO Adjust Input Current (Pin 9 = 0V)
Iin(Enable)
–0.2
–1.0
mA
TOTAL DEVICE
Power Supply Current (Enable/UVLO Adjust Pin Open)
Startup (VCC = 13.5 V)
Operating (fOSC = 100 kHz) (Note 2)
ICC
0.45
21
0.6
30
mA
NOTES: 2. Adjust VCC above the Startup threshold before setting to 12 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for MC34066
Thigh = +70°C for MC34066
–40
°C for MC33066
Thigh = +85°C for MC33066


Podobny numer części - MC33066P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33066P ONSEMI-MC33066P Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
More results

Podobny opis - MC33066P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com