Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-3707 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części HLMP-3707
Szczegółowy opis  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3707 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-3707_05 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
25.40
(1.00)
MIN.
6.10 (0.240)
5.59 (0.220)
2.54 (0.100)
NOM.
9.19 (0.362)
8.43 (0.332)
5.08 (0.200)
4.57 (0.180)
CATHODE
LEAD
(NOTE 1)
0.89 (0.035)
0.64 (0.025)
1.27 (0.050)
NOM.
0.102 (0.004)
MAX. TYP.
0.46 (0.018)
SQUARE
NOMINAL
PACKAGE OUTLINE "D"
HLMP-D640
22.86
(0.900)
MIN.
6.10 (0.240)
5.60 (0.220)
2.54 (0.100)
NOM.
9.07 (0.357)
8.56 (0.337)
5.08 (0.200)
4.78 (0.188)
0.89 (0.035)
0.64 (0.025)
1.52 (0.060)
1.02 (0.040)
0.10 (0.004)
MAX.
0.74 (0.029)
0.58 (0.023)
SQUARE
12.47 (0.491)
11.71 (0.461)
1.02 (0.040)
MAX.
CATHODE
FLAT
PACKAGE OUTLINE "E"
HLMP-3960
23.0
(0.900)
MIN.
6.10 (0.240)
5.60 (0.220)
9.07 (0.357)
8.56 (0.337)
5.08 (0.200)
4.78 (0.188)
0.89 (0.035)
0.64 (0.025)
1.52 (0.060)
1.02 (0.040)
0.53 (0.021)
0.43 (0.017)
13.11 (0.516)
12.34 (0.486)
1.02 (0.040) MAX.
EPOXY
MENISCUS
CATHODE
FLAT
PACKAGE OUTLINE "F"
HLMP-3707/-3807/-3907
SQ.
2.79 (0.110)
2.29 (0.090)
1.32 (0.052)
1.02 (0.040)
Package Dimensions


Podobny numer części - HLMP-3707_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-3707-L00XX HP-HLMP-3707-L00XX Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Podobny opis - HLMP-3707_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com