Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1084-18T43U Arkusz danych(PDF) 2 Page - Global Mixed-mode Technology Inc

Numer części G1084-18T43U
Szczegółowy opis  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GMT [Global Mixed-mode Technology Inc]
Strona internetowa  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-18T43U Arkusz danych(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1084-18T43U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-18T43U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1084-XX
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings (Note 1)
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Power Dissipation Internally Limited (Note 2)
Maximum Junction Temperature . . . . . . . . . . . . . . .150°C
Storage Temperature Range . . . . .-65°C
≤ T
J ≤+150°C
Reflow Temperature (soldering, 10sec) . . . . . . 260°C
Thermal Resistance Junction to Ambient
TO-252
(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95°C/W
TO-263
(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80°C/W
TO-263T
(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . .82°C/W
Thermal Resistance Junction to Case
TO-252 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8°C/W
TO-263 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..6°C/W
TO-263T . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6°C/W
ESD Rating (Human Body Model) . . . . . . . . . . . . .2kV
Operating Conditions (Note 1)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V~7V
Temperature Range . . . . . . . . . . . . . -40°C
≤ T
A ≤85°C
Note
(1): See Recommended Minimum Footprint
Electrical Characteristics
VIN = 5V, CIN = COUT = 220µF, TA = TJ = 25°C unless otherwise specified. (Note3)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
10mA < IOUT < 5A
-2%
VO
2%
V
Line Regulation
(VOUT + 0.7V) < VIN < 5.5V, IOUT = 10mA
---
0.1
---
%
G1084-18 VIN = 3.8V, 10mA < IOUT < 5A
G1084-25 VIN = 5V, 10mA < IOUT < 5A
Load Regulation
G1084-33 VIN = 5V, 10mA < IOUT < 5A
---
1
---
%
G1084-18
ΔV
OUT = 2%, IOUT = 5A
---
1.6
---
G1084-25
ΔV
OUT = 2%, IOUT = 5A
---
1.3
---
Dropout Voltage
G1084-33
ΔV
OUT = 2%, IOUT = 5A
---
1.1
---
V
Current Limit
(VIN - VOUT) = 2V
---
5.5
---
A
Short Circuit Current
---
1
---
A
G1084-18 VIN = 5V
---
1.7
---
G1084-25 VIN = 5V
---
2.1
---
Quiescent Current
G1084-33 VIN = 5V
---
2.4
---
mA
Ripple Rejection
f = 120Hz, COUT = 10µF Tantalum,
(VIN - VOUT) = 3V, IOUT = 1A
---
50
---
dB
Thermal Shutdown
Junction Temperature
---
150
---
°C
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are
conditions under which the device functions but the specifications might not be guaranteed. For guaranteed specifications
and test conditions see the Electrical Characteristics.
Note2:
The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resistance, θJA,
and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is Tjmax-TA / θJA. If
this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into thermal shutdown.
Note3:
Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4:
The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the
regulator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 2% below its nominal value. Dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt-
age. The measurement is made under conditions of low
dissipation or by using pulse techniques such that av-
erage chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.


Podobny numer części - G1084-18T43U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Global Mixed-mode Techn...
G1084-18T43U GMT-G1084-18T43U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

Podobny opis - G1084-18T43U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com