Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1405ZPBF Arkusz danych(PDF) 7 Page - International Rectifier

Numer części IRF1405ZPBF
Szczegółowy opis  AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1405ZPBF Arkusz danych(HTML) 7 Page - International Rectifier

Back Button IRF1405ZPBF Datasheet HTML 3Page - International Rectifier IRF1405ZPBF Datasheet HTML 4Page - International Rectifier IRF1405ZPBF Datasheet HTML 5Page - International Rectifier IRF1405ZPBF Datasheet HTML 6Page - International Rectifier IRF1405ZPBF Datasheet HTML 7Page - International Rectifier IRF1405ZPBF Datasheet HTML 8Page - International Rectifier IRF1405ZPBF Datasheet HTML 9Page - International Rectifier IRF1405ZPBF Datasheet HTML 10Page - International Rectifier IRF1405ZPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IRF1405Z/S/LPbF
www.irf.com
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
10000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
TOP
Single Pulse
BOTTOM 10% Duty Cycle
ID = 75A


Podobny numer części - IRF1405ZPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
401Kb / 12P
   Advanced Process Technology
IRF1405ZPBF IRF-IRF1405ZPBF_15 Datasheet
401Kb / 12P
   Advanced Process Technology
More results

Podobny opis - IRF1405ZPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
   AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRLR014NPBF IRF-IRLR014NPBF Datasheet
281Kb / 11P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com