Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3101N Arkusz danych(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3101N
Szczegółowy opis  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101N Arkusz danych(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3101N Datasheet HTML 3Page - National Semiconductor (TI) LM3101N Datasheet HTML 4Page - National Semiconductor (TI) LM3101N Datasheet HTML 5Page - National Semiconductor (TI) LM3101N Datasheet HTML 6Page - National Semiconductor (TI) LM3101N Datasheet HTML 7Page - National Semiconductor (TI) LM3101N Datasheet HTML 8Page - National Semiconductor (TI) LM3101N Datasheet HTML 9Page - National Semiconductor (TI) LM3101N Datasheet HTML 10Page - National Semiconductor (TI) LM3101N Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Pin-by-Pin Description (Continued)
Pin
Symbol
Function
Description
11
POR
Power-On
This open-collector output is driven low when either the supply voltage falls below the
Reset Flag
Undervoltage Lockout Threshold Voltage or the output voltage is less than the Power-
on Reset Threshold Voltage Leave the pin open if not used
12
CRD
Reset Delay Capacitor
Adding a capacitor between this pin and ground sets the power-on reset flag delay
time according to the following formula
CRD e TDR 60  103
F s X
Leave the pin open if not used The POR flag will still operate if this function is not
used
13
FB
Feedback Input
A sample of the output voltage via a resistor divider is fed back into this pin which is
the inverting input of the error amplifier
14
EAO
Error Amplifier Output
Error Amplifier Output The output can source 15 mA typically and sink 300 mA
typically This pin is primarily used for loop compensation
Note
Pins 1 2 4 5 and 10 are internally clamped by a 56V zener diode Do not force a voltage larger than 5V on these pins
without a resistor to limit the current to below 1 mA All other pins are limited to the supply voltage
Test Circuit
LM3101 specifications are measured using automated
test equipment This circuit is provided for the custom-
er’s convenience when checking parameters Due to
possible variations in testing conditions the measured
values from these testing procedures may not match
those of the factory
TLH11436 – 5
This test circuit is for exercising the LM3101 functions and
measuring its specifications
With the switch positions
shown the supply current should measure 15 mA (typical)
for a supply voltage of 15V Changing the supply voltage to
5V and opening SW6 on the VOUT pin should make the
supply current 11 mA (typical) Changing SW7 to the supply
voltage will shutdown the LM3101 output
To test the oscillator section adjust the 5 kX potentiometer
at the RT pin such that the oscillator frequency is approxi-
mately 500 kHz Switch SW2 to obtain a 1 MHz frequency
(typical) The maximum duty cycle of 92% typically can also
be measured Closing SW3 on pin RSC and putting SW7 (pin
FB) in the open position will change the oscillator frequency
to approximately 180 kHz
Switching the MC pin SW1 to ground and opening SW4
the CMI pin will put the device in current mode control To
measure the current sense time delay (typically 75 ns)
close SW5 (connected to the CMI pin) and open SW6
7


Podobny numer części - LM3101N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Podobny opis - LM3101N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com