Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3101M Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3101M
Szczegółowy opis  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101M Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3101M Datasheet HTML 6Page - National Semiconductor (TI) LM3101M Datasheet HTML 7Page - National Semiconductor (TI) LM3101M Datasheet HTML 8Page - National Semiconductor (TI) LM3101M Datasheet HTML 9Page - National Semiconductor (TI) LM3101M Datasheet HTML 10Page - National Semiconductor (TI) LM3101M Datasheet HTML 11Page - National Semiconductor (TI) LM3101M Datasheet HTML 12Page - National Semiconductor (TI) LM3101M Datasheet HTML 13Page - National Semiconductor (TI) LM3101M Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Functional Description (Continued)
To operate under current mode or charge mode control
insert a resistor RMC between the MC pin and ground and
connect the CMI pin to the Current Mode Sense Circuit (see
Figure 4 ) At the MC pin a voltage proportional to the oscil-
lator ramp voltage develops (see
Figure 3 ) The voltage
ramp applied to RMC generates a current ramp which is
duplicated on the CMI pin due to the current mirror The
current ramp which flows out of the CMI pin to the resistor
RF is the compensation ramp needed to stabilize convert-
ers operating at duty cycles above 50% The slope of the
compensating ramp can be scaled by RF which is connect-
ed between the CMI pin and the terminating resistor RS of
the current sense transformer In all practical cases RF will
be much greater than RS For both control modes the cur-
rent ramp provides slope compensation according to the
equation
D
ICOMP Dt e 24  103 (RT  RMC)
m
A ms X
So with RT equal 25 kX and RMC equal 6 kX the compen-
sation ramp slope is
D
ICOMP Dt e 24  103 (25 kX  6kX) e 160 mA ms
The resistor RF together with the capacitor CF serves as an
RC filter for the leading edge spike of the current sense
waveform (the spike is caused by the output rectifier reverse
recovery andor the winding capacitance of the power
transformer)
CHARGE MODE CONTROL
Under charge mode control the current sense transformer
drives a capacitor C1 that integrates the sensed switch
current on a cycle-by-cycle basis
Figure 5 shows the inte-
grating current sense circuitry and the simplified details of
the associated internal circuitry of the LM3101 Transistor
Q1 discharges the integrating capacitor C1 once every
switch cycleduring the switch off-time (Q1 can provide up
to 20 mA of discharge current) Charge mode control yields
the fastest average current control loop
TLH11436 – 10
TLH11436 – 11
FIGURE 5 Charge Mode Operation
10


Podobny numer części - LM3101M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Podobny opis - LM3101M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com