Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24C256-G Arkusz danych(PDF) 7 Page - Ramtron International Corporation

Numer części FM24C256-G
Szczegółowy opis  256Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C256-G Arkusz danych(HTML) 7 Page - Ramtron International Corporation

Back Button FM24C256-G Datasheet HTML 3Page - Ramtron International Corporation FM24C256-G Datasheet HTML 4Page - Ramtron International Corporation FM24C256-G Datasheet HTML 5Page - Ramtron International Corporation FM24C256-G Datasheet HTML 6Page - Ramtron International Corporation FM24C256-G Datasheet HTML 7Page - Ramtron International Corporation FM24C256-G Datasheet HTML 8Page - Ramtron International Corporation FM24C256-G Datasheet HTML 9Page - Ramtron International Corporation FM24C256-G Datasheet HTML 10Page - Ramtron International Corporation FM24C256-G Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FM24C256
Rev 3.1
May 2005
Page 7 of 12
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C256
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C256
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C256
Start
Address
Stop
No
Acknowledge
Data
S
A
Slave Address
0
Address MSB
A
Start
Address
Acknowledge
Address LSB
A
Figure 9. Selective (Random) Read
Endurance
A FRAM internally operates with a read and restore
mechanism. Therefore, endurance cycles are applied
for each read and
write
access. The FRAM
architecture is based on an array of rows and
columns. Rows (A14-A6) are subdivided into 8
segments (A5-A3). Each access causes an endurance
cycle for a row segment. In the FM24C256, there are
8 bytes per segment. Endurance can be optimized by
ensuring frequently accessed data is located in
different segments. Regardless, FRAM read and
write endurance is effectively unlimited at the 1MHz
two-wire speed. Even at 30 accesses per second to
the same segment, 10 years time will elapse before
10 billion endurance cycles occur.


Podobny numer części - FM24C256-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
More results

Podobny opis - FM24C256-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com