Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP2050 Arkusz danych(PDF) 9 Page - Tripath Technology Inc.

Numer części TP2050
Szczegółowy opis  STEREO 50W (8廓) POWER STAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Arkusz danych(HTML) 9 Page - Tripath Technology Inc.

Back Button TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. TP2050 Datasheet HTML 10Page - Tripath Technology Inc. TP2050 Datasheet HTML 11Page - Tripath Technology Inc. TP2050 Datasheet HTML 12Page - Tripath Technology Inc. TP2050 Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
9
TP2050– KL/1.0/07.05
TYPICAL PERFOR MANCE C H ARACTERISTIC S (cont’d)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
55
60
Output Power (W)
Vcc=23.5V
RL = 6
AES 17 Filter
THD+N < 10%
Efficiency vs Output Power
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
55
60
Output Power (W)
Vcc=30V
RL = 8
AES 17 Filter
THD+N < 10%
Efficiency vs Output Power
1
2
5
10
100
50
20
200
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD+N vs Output Power (paralleled outputs)
Vcc=30V
RL = 4
AES 17 Filter
f=1kHz
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
405060
70
8090
100
110
120
O utput Power (W )
Vcc=30V
RL = 4Ω
AES 17 Filter
THD+N < 10%
Efficiency vs O utput Power (paralleled outputs)


Podobny numer części - TP2050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TP205 ETC1-TP205 Datasheet
62Kb / 2P
   1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
More results

Podobny opis - TP2050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
logo
STMicroelectronics
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
   4 X 50W STEREO BASH POWER AMPLIFIER
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com