Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR3714PBF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRLR3714PBF
Szczegółowy opis  HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR3714PBF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRLR3714PBF Datasheet HTML 3Page - International Rectifier IRLR3714PBF Datasheet HTML 4Page - International Rectifier IRLR3714PBF Datasheet HTML 5Page - International Rectifier IRLR3714PBF Datasheet HTML 6Page - International Rectifier IRLR3714PBF Datasheet HTML 7Page - International Rectifier IRLR3714PBF Datasheet HTML 8Page - International Rectifier IRLR3714PBF Datasheet HTML 9Page - International Rectifier IRLR3714PBF Datasheet HTML 10Page - International Rectifier IRLR3714PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U3714PbF
10
www.irf.com
Data and specifications subject to change without notice.
These products have been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/05
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 0.69 mH
RG = 25Ω, IAS = 14A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ When mounted on 1" square PCB ( FR-4 or G-10
Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
… Calculated continuous current based on maximum
allowable junction temperature; Package limitation
current is 30A
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH


Podobny numer części - IRLR3714PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR3714 IRF-IRLR3714 Datasheet
121Kb / 10P
   SMPS MOSFET
IRLR3714TRPBF IRF-IRLR3714TRPBF Datasheet
228Kb / 11P
    High Frequency Isolated DC-DC
IRLR3714Z IRF-IRLR3714Z Datasheet
259Kb / 11P
   HEXFET Power MOSFET
IRLR3714ZPBF IRF-IRLR3714ZPBF Datasheet
259Kb / 11P
   HEXFET Power MOSFET
IRLR3714ZPbF IRF-IRLR3714ZPbF Datasheet
268Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Podobny opis - IRLR3714PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
   HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRF7404QPBF IRF-IRF7404QPBF Datasheet
260Kb / 9P
   HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040廓 )
IRF7604PBF IRF-IRF7604PBF Datasheet
508Kb / 8P
   HEXFET POWER MOSFET ( VDSS = -20V , RDS(on) = 0.09廓 )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com