Zakładka z wyszukiwarką danych komponentów |
|
AD9984AKSTZ-140 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD9984AKSTZ-140 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 44 page AD9984A Rev. 0 | Page 8 of 44 Pin Number Pin Type 80-Lead LQFP 64-Lead LFCSP Mnemonic Function Value Outputs 28 to 37 54 to 63 RED[9:0] Outputs of Converter R; Bit 9 is the MSB 3.3 V CMOS 42 to 51 1 to 10 GREEN[9:0] Outputs of Converter G; Bit 9 is the MSB 3.3 V CMOS 54 to 63 11 to 20 BLUE[9:0] Outputs of Converter B; Bit 9 is the MSB 3.3 V CMOS 25 52 DATACK Data Output Clock 3.3 V CMOS 23 50 HSOUT Hsync Output Clock (Phase-aligned with DATACK) 3.3 V CMOS 22 49 VSOUT2 Vsync Output Clock 3.3 V CMOS 24 51 SOGOUT Sync-on-Green Slicer Output 3.3 V CMOS 21 48 O/E FIELD Odd/Even Field Output 3.3 V CMOS References 78 31 FILT Connection for External Filter Components for Internal PLL 18 46 REFLO Connection for External Capacitor for Input Amplifier 20 47 REFHI Connection for External Capacitor for Input Amplifier Power Supply 1, 5, 9, 13 33, 36, 39, 42 VD Analog Power Supply 1.8 V 26, 38, 52, 64 21, 53 VDD Output Power Supply 1.8 V to 3.3 V 74, 76, 79 30, 32 PVD PLL Power Supply 1.8 V 41 64 DAVDD Digital Logic Power Supply 1.8 V 3, 7, 11, 15, 27, 39, 40, 53, 65, 75, 77, 80 N/A GND Ground 0 V Control 66 22 SDA Serial Port Data I/O 3.3 V CMOS 67 23 SCL Serial Port Data Clock (100 kHz maximum) 3.3 V CMOS 22 49 A02 Serial Port Address Input 3.3 V CMOS 1 EXTCK and COAST share the same pin. 2 VSOUT and A0 share the same pin. |
Podobny numer części - AD9984AKSTZ-140 |
|
Podobny opis - AD9984AKSTZ-140 |